Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1439CG Datasheet(PDF) 23 Page - Linear Technology

Part # LTC1439CG
Description  Dual High Efficiency, Low Noise, Synchronous Step-Down Switching Regulators
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1439CG Datasheet(HTML) 23 Page - Linear Technology

Back Button LTC1439CG Datasheet HTML 19Page - Linear Technology LTC1439CG Datasheet HTML 20Page - Linear Technology LTC1439CG Datasheet HTML 21Page - Linear Technology LTC1439CG Datasheet HTML 22Page - Linear Technology LTC1439CG Datasheet HTML 23Page - Linear Technology LTC1439CG Datasheet HTML 24Page - Linear Technology LTC1439CG Datasheet HTML 25Page - Linear Technology LTC1439CG Datasheet HTML 26Page - Linear Technology LTC1439CG Datasheet HTML 27Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 32 page
background image
23
LTC1438/LTC1439
APPLICATIONS INFORMATION
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
20
19
RUN/SS1
SENSE+ 1
SENSE– 1
VPROG1
ITH1
POR2
COSC
SGND
LBI
LBO
SFB1
ITH2
VPROG2
VOSENSE2
SENSE– 2
SENSE+ 2
RUN/SS2
AUXDR
PLL LPF
PLLIN
BOOST 1
TGL1
SW1
TGS1
VIN
BG1
INTVCC
PGND
BG2
EXTVCC
TGS2
SW2
TGL2
BOOST 2
AUXON
AUXFB
LTC1439
DB1
DB2
M3
M1
CIN1
CIN2
COUT1
+
–
COUT2
RSENSE1
RSENSE2
CB1
0.1
µF
CLP
0.01
µF
CC1A
1000pF
RLP
10k
EXT
CLOCK
CB2
0.1
µF
M2
D1
L1
L2
GROUND PLANE
D2
M5
1438 F13
M6
M4
4.7
µF
+
+
RC1
10k
RC2
10k
VOUT1
+
–
VIN
VOUT2
1000pF
1000pF
220pF
NOT ALL PINS CONNECTED FOR CLARITY
BOLD LINES INDICATE HIGH CURRENT PATHS
INTVCC
INTVCC
VIN
100k
1000pF
COSC
CC1B
220pF
CSS
0.1
µF
CC2B
470pF
CC2A
1000pF
CSS
0.1
µF
OUTPUT DIVIDER
REQUIRED WITH
VPROG OPEN
100pF
22pF
10
Ω
10
Ω
Figure 13. LTC1439 Physical Layout Diagram
PC Board Layout Checklist
When laying out the printed circuit board, the following
checklist should be used to ensure proper operation of the
LTC1438/LTC1439. These items are also illustrated graphi-
cally in the layout diagram of Figure 13. Check the follow-
ing in your layout:
1. Are the high current power ground current paths using
or running through any part of signal ground? The
LTC1438/LTC1438X/LTC1439 ICs have their sensitive
pins on one side of the package. These pins include the
signal ground for the reference, the oscillator input, the
voltage and current sensing for both controllers and the
low-battery/comparator input. The signal ground area
used on this side of the IC must return to the bottom
plates of all of the output capacitors. The high current
power loops formed by the input capacitors and the
ground returns to the sources of the bottom N-channel
MOSFETs, anodes of the Schottky diodes and (–) plates
of CIN, should be as short as possible and tied through
a low resistance path to the bottom plates of the output
capacitors for the ground return.
2. Do the LTC1438/LTC1439 SENSE– 1 and VOSENSE2 pins
connect to the (+) plates of COUT? In adjustable applica-
tions, the resistive divider R1/R2 must be connected
between the (+) plate of COUT and signal ground and the
HF decoupling capacitor should be as close as possible
to the LTC1438/LTC1439.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com