Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1439CG Datasheet(PDF) 31 Page - Linear Technology

Part # LTC1439CG
Description  Dual High Efficiency, Low Noise, Synchronous Step-Down Switching Regulators
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1439CG Datasheet(HTML) 31 Page - Linear Technology

Back Button LTC1439CG Datasheet HTML 24Page - Linear Technology LTC1439CG Datasheet HTML 25Page - Linear Technology LTC1439CG Datasheet HTML 26Page - Linear Technology LTC1439CG Datasheet HTML 27Page - Linear Technology LTC1439CG Datasheet HTML 28Page - Linear Technology LTC1439CG Datasheet HTML 29Page - Linear Technology LTC1439CG Datasheet HTML 30Page - Linear Technology LTC1439CG Datasheet HTML 31Page - Linear Technology LTC1439CG Datasheet HTML 32Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 31 / 32 page
background image
31
LTC1438/LTC1439
Dimensions in inches (millimeters) unless otherwise noted.
PACKAGE DESCRIPTION
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no represen-
tation that the interconnection of its circuits as described herein will not infringe on existing patent rights.
GW Package
36-Lead Plastic SSOP (Wide 0.300)
(LTC DWG # 05-08-1642)
GW36 SSOP 0795
0
° – 8° TYP
0.009 – 0.012
(0.231 – 0.305)
0.024 – 0.040
(0.610 – 1.016)
0.292 – 0.299**
(7.417 – 7.595)
× 45°
0.010 – 0.016
(0.254 – 0.406)
0.090 – 0.094
(2.286 – 2.387)
0.005 – 0.012
(0.127 – 0.305)
0.097 – 0.104
(2.463 – 2.641)
0.031
(0.800)
TYP
0.012 – 0.017
(0.304 – 0.431)
0.602 – 0.612*
(15.290 – 15.544)
123456789 10 11 12 13 14 15 16 17 18
0.400 – 0.410
(10.160 – 10.414)
36 35 34 33 32 31 30 29 28 27 26 25 24 23 22 21 20 19
DIMENSION DOES NOT INCLUDE MOLD FLASH. MOLD FLASH
SHALL NOT EXCEED 0.006" (0.152mm) PER SIDE
*
DIMENSION DOES NOT INCLUDE INTERLEAD FLASH. INTERLEAD
FLASH SHALL NOT EXCEED 0.010" (0.254mm) PER SIDE
**



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com