Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1522 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC1522
Description  Micropower, Regulated 5V Charge Pump DC/DC Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1522 Datasheet(HTML) 8 Page - Linear Technology

  LTC1522 Datasheet HTML 1Page - Linear Technology LTC1522 Datasheet HTML 2Page - Linear Technology LTC1522 Datasheet HTML 3Page - Linear Technology LTC1522 Datasheet HTML 4Page - Linear Technology LTC1522 Datasheet HTML 5Page - Linear Technology LTC1522 Datasheet HTML 6Page - Linear Technology LTC1522 Datasheet HTML 7Page - Linear Technology LTC1522 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
8
LTC1522
1522f LT/TP 0198 4K • PRINTED IN USA
© LINEAR TECHNOLOGY CORPORATION 1997
TYPICAL APPLICATION
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417q (408)432-1900
FAX: (408) 434-0507q TELEX: 499-3977 q www.linear-tech.com
PART NUMBER
DESCRIPTION
COMMENTS
LTC1144
20mA Switched Capacitor Converter for Up to 20V Inputs
Includes Micropower Shutdown (8
µA)
LTC1262
5V to 12V Regulated Switched Capacitor Converter
Up to 30mA at Regulated Output
LTC1514/15
Step-Up/Step-Down Switched Capacitor DC/DC Converters
VIN 2V to 10V, VOUT is Fixed or Adjustable, IOUT to 50mA
LTC1516
Micropower, Regulated 5V Charge Pump DC/DC Converter
IOUT = 20mA (VIN ≥ 2V), IOUT = 50mA (VIN ≥ 3V)
LTC1517-5
Micropower, Regulated 5V Charge Pump DC/DC Converter
LTC1522 Without Shutdown and Packaged in SOT-23
LTC1555/56
SIM Power Supply and Level Translator
Step-Up/Step-Down SIM Power Supply and Level Translators
LTC660
100mA CMOS Voltage Converter
5V to – 5V Conversion with Low Voltage Loss
RELATED PARTS
1
2
7
4
8
3
6
5
NC
LTC1522
10
µF
B
A
Q1
D1
0.22
µF
VCC = 5V OR 3V
(SEE TRUTH TABLE)
D1 = BAS70-05
Q1 = Si6943DQ
TRUTH TABLE
A
B
V CC
0
0
NOT USED
0
1
3V
1
0
5V
1
1 SHUTDOWN
+
10
µF
R1
470k
+
1522 TA03
VIN
SHDN
C+
NC
VOUT
GND
C–
VCC
SIM CARD
RST
CLK
I/O
GND
LEVEL SHIFT
3V
GSM
CONTROLLER
Programmable 5V/3V SIM Interface Supply for GSM Cellular Phones



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com