Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1522 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC1522
Description  Micropower, Regulated 5V Charge Pump DC/DC Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1522 Datasheet(HTML) 4 Page - Linear Technology

  LTC1522 Datasheet HTML 1Page - Linear Technology LTC1522 Datasheet HTML 2Page - Linear Technology LTC1522 Datasheet HTML 3Page - Linear Technology LTC1522 Datasheet HTML 4Page - Linear Technology LTC1522 Datasheet HTML 5Page - Linear Technology LTC1522 Datasheet HTML 6Page - Linear Technology LTC1522 Datasheet HTML 7Page - Linear Technology LTC1522 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
LTC1522
BLOCK DIAGRAM
Operation
The LTC1522 uses a switched capacitor charge pump to
boost VIN to a regulated 5V ±4% output voltage. Regula-
tion is achieved by sensing the output voltage through an
internal resistor divider and enabling the charge pump
when the output voltage droops below the lower trip point
of COMP1. When the charge pump is enabled, a 2-phase,
nonoverlapping clock controls the charge pump switches.
Clock 1 closes the S1 switches which enables the flying
capacitor to charge up to the VIN voltage. Clock 2 closes
the S2 switches that stack CFLY in series with VIN and
connect the top plate of CFLY to the output capacitor at
VOUT. This sequence of charging and discharging contin-
ues at a free-running frequency of 700kHz (typ) until the
output has risen to the upper trip point of COMP1 and the
charge pump is disabled. When the charge pump is
disabled, the LTC1522 draws only 4
µA (typ) from VIN
which provides high efficiency at low load conditions.
In shutdown mode, all circuitry is turned off and the part
draws only leakage current from the VIN supply. VOUT is
also disconnected from VIN. The SHDN pin is a CMOS
input with a threshold of approximately VIN/2; however,
the SHDN pin can be driven by logic levels that exceed the
VIN voltage. The part enters shutdown mode when a logic
high is applied to the SHDN pin. The SHDN pin should not
be floated; it must be driven with a logic high or low.
Short-Circuit/Thermal Protection
During short-circuit conditions, the LTC1522 will draw
between 100mA and 200mA from VIN causing a rise in
the junction temperature. On-chip thermal shutdown
circuitry disables the charge pump once the junction
temperature exceeds
≈160°C, and reenables the charge
pump once the junction temperature falls back to
≈145°C.
The LTC1522 will cycle in and out of thermal shutdown
indefinitely without latchup or damage until the VOUT
short is removed.
Capacitor Selection
For best performance, it is recommended that low ESR
(< 0.5
Ω) capacitors be used for both CIN and COUT to
reduce noise and ripple. The CIN and COUT capacitors
should be either ceramic or tantalum and should be 3.3
µF
or greater (aluminum capacitors are not recommended
because of their high ESR). If the input source impedance
is very low, CIN may not be needed. Increasing the size of
COUT to 10µF or greater will reduce output voltage ripple.
APPLICATIONS INFORMATION
VREF
CLOCK 1
CLOCK 2
CONTROL
LOGIC
S2A
S2B
S1A
S1B
CFLY
0.22
µF
CIN
10
µF
C+
C–
COUT
10
µF
1
µA
VOUT
SHDN
LTC1522 BD
CHARGE PUMP SHOWN IN DISCHARGE CYCLE
VIN
CHARGE PUMP
+
+
–
+
COMP1



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com