Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1531 Datasheet(PDF) 16 Page - Linear Technology

Part # LTC1531
Description  Self-Powered Isolated Comparator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1531 Datasheet(HTML) 16 Page - Linear Technology

Back Button LTC1531 Datasheet HTML 8Page - Linear Technology LTC1531 Datasheet HTML 9Page - Linear Technology LTC1531 Datasheet HTML 10Page - Linear Technology LTC1531 Datasheet HTML 11Page - Linear Technology LTC1531 Datasheet HTML 12Page - Linear Technology LTC1531 Datasheet HTML 13Page - Linear Technology LTC1531 Datasheet HTML 14Page - Linear Technology LTC1531 Datasheet HTML 15Page - Linear Technology LTC1531 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
16
LTC1531
1531f, sn1531 LT/TP 0899 4K • PRINTED IN USA
©LINEAR TECHNOLOGY CORPORATION 1998
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408)432-1900 q FAX:(408)434-0507 q www.linear-tech.com
RELATED PARTS
PART NUMBER
DESCRIPTION
COMMENTS
LTC1177
Isolated MOSFET Driver
No Secondary Power Supply, 2500VRMS Isolation
LT1389
Nanopower Reference
800nA, 0.05% Accuracy, 10ppm/
°C Max Drift
LTC1440/LTC1441
Ultralow Power Single/Dual Comparators with Reference
2.1
µA Typ, 2V to 11V Supply, Adjustable Hysteresis
LTC1442
LT1495/LT1496
1.5
µA Max, Dual/Quad Precision Rail-to-Rail Input and Output Op Amps Low Offset 375µVMAX, 2.2V to 36V Supply
LTC1540
Nanopower Comparator with Reference
0.3
µA Typ, Adjustable Hysteresis, 2V to 11V Supply
Figure 15. AC Line Overcurrent Detect
TYPICAL APPLICATION
ISOGND
V1
V2
V3
V4
1531 F15
VALID
GND
ISOLATION
BARRIER
NEGATIVE COMPARATOR
INPUT SET TO 1.25V
RSENSE IN SERIES WITH AC LINE
RSENSE TRIP VOLTAGE = 125mV
51k
1M
1M
2.5V
2.2
µF
0.22
µF
1N4148
LTC1531
+
–
VPW
VCC
VCC
VTRIP
SHDN
CMPOUT
VREG
ZCDATA
ZCPOS ZCNEG
DATA
Q
D
+
10k
10k
51k
1M
1M
1M
RSENSE
AC
AC
UNUSED OP AMP
TIED FOR MIN
CURRENT DRAIN
LT1496
LT1496
LT1496
2
2
2
2
2
2
= LIVE AC-CONNECTED
LOCAL CIRCUIT COMMON
= EQUIPMENT GROUND
2
VPW
LT1496
2
DANGER!
LETHAL VOLTAGES
IN THIS SECTION!



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com