Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1531 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC1531
Description  Self-Powered Isolated Comparator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1531 Datasheet(HTML) 5 Page - Linear Technology

  LTC1531 Datasheet HTML 1Page - Linear Technology LTC1531 Datasheet HTML 2Page - Linear Technology LTC1531 Datasheet HTML 3Page - Linear Technology LTC1531 Datasheet HTML 4Page - Linear Technology LTC1531 Datasheet HTML 5Page - Linear Technology LTC1531 Datasheet HTML 6Page - Linear Technology LTC1531 Datasheet HTML 7Page - Linear Technology LTC1531 Datasheet HTML 8Page - Linear Technology LTC1531 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
LTC1531
BLOCK DIAGRAM
VOLTAGE
PUMP
TRANSMIT
AND
DRIVER
TIMING
POWERED SIDE
ISOLATED SIDE
TIMING
DECODE
POWER-ON
RESET
VALID
Q D
R
25
VCC
VCC
1
DATA 26
ZCDATA
ZERO-CROSS
COMPARATOR
27
GND
ZCPOS ZCNEG
SHDN
28
4
3
2
LATCH
12
CMPOUT
14
ISOGND
ISOLATION
BARRIER
1531 BD
V2
18
V1
Σ
Σ
13
VREG
11
VPW
–
+
–
+
2.5V
REG
3.3V
DET
COMPARE
17
15
V4
16
V3
TI I G DIAGRA
VREG
CMPOUT
VALID
DATA
POWER
Hi-Z
200ns
1531 TD01
LISTEN
108
µs
LISTEN CYCLE
192
µs
POWER-LISTEN CYCLE
1152
µs
POWER CYCLE
960
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com