Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD75P308 Datasheet(PDF) 13 Page - NEC

Part # UPD75P308
Description  4-BIT SINGLE-CHIP MICROCOMPUTER
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD75P308 Datasheet(HTML) 13 Page - NEC

Back Button UPD75P308 Datasheet HTML 9Page - NEC UPD75P308 Datasheet HTML 10Page - NEC UPD75P308 Datasheet HTML 11Page - NEC UPD75P308 Datasheet HTML 12Page - NEC UPD75P308 Datasheet HTML 13Page - NEC UPD75P308 Datasheet HTML 14Page - NEC UPD75P308 Datasheet HTML 15Page - NEC UPD75P308 Datasheet HTML 16Page - NEC UPD75P308 Datasheet HTML 17Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 34 page
background image
µPD75P308
13
3.3 PROGRAM MEMORY READ PROCEDURE
The contents of the program memory can be read in the following procedure.
(1) Ground the unused pins through pull-down resistors. The X1 pin must be low.
(2) Supply 5 V to the VDD and VPP pins.
(3) Wait for 10 microseconds.
(4) Set program memory address 0 clear mode.
(5) Supply 6 V to the VDD pin and 12.5 V to the VPP pin.
(6) Set program inhibit mode.
(7) Set verify mode. Data of each address is sequentially output each time a clock pulse is input to the
X1 pin four times.
(8) Set program inhibit mode.
(9) Set program memory address 0 clear mode.
(10) Change the voltages of VDD and VPP pins to 5 V.
(11) Turn off the power supply.
Steps (2) to (9) are illustrated below.
VPP
VDD
VDD+1
VDD
VPP
VDD
Data output
Data output
P40-P43
P50-P53
MD0
(P30)
MD1
(P31)
MD2
(P32)
MD3
(P33)
X1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com