Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD75P308 Datasheet(PDF) 21 Page - NEC

Part # UPD75P308
Description  4-BIT SINGLE-CHIP MICROCOMPUTER
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD75P308 Datasheet(HTML) 21 Page - NEC

Back Button UPD75P308 Datasheet HTML 17Page - NEC UPD75P308 Datasheet HTML 18Page - NEC UPD75P308 Datasheet HTML 19Page - NEC UPD75P308 Datasheet HTML 20Page - NEC UPD75P308 Datasheet HTML 21Page - NEC UPD75P308 Datasheet HTML 22Page - NEC UPD75P308 Datasheet HTML 23Page - NEC UPD75P308 Datasheet HTML 24Page - NEC UPD75P308 Datasheet HTML 25Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
µPD75P308
21
1600
ns
tKCY/2
-50
150
ns
tKCY/2
ns
0
250
ns
tKCY
ns
tKCY
ns
tKCY
ns
tKCY
ns
SCK Cycle Time
SCK High-, Low-Level
Widths
SB0, 1 Set-Up Time (vs. SCK )
SB0, 1 Hold Time (vs. SCK
)
SCK
SB0, 1 Output
Delay Time
SCK
SB0, 1
SB0, 1
SCK
SB0, 1 Low-Level Width
SB0, 1 High-Level Width
SBI MODE (SCK: internal clock output (master))
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
tKCY3
tKL3
tKH3
tSIK3
tKSI3
tKSO3
tKSB
tSBK
tSBL
tSBH
*: RL and CL are load resistance and load capacitance of the SO output line.
SBI MODE (SCK: external clock output (master))
*: RL and CL are load resistance and load capacitance of the SO output line.
↑
↑
RL = 1k
Ω, CL = 100pF*
↓ →
↑ →
↓
↓ →
↓
SCK Cycle Time
SCK High-, Low-Level
Widths
SB0, 1 Set-Up Time (vs. SCK )
SB0, 1 Hold Time (vs. SCK
)
SCK
SB0, 1 Output
Delay Time
SCK
SB0, 1
SB0, 1
SCK
SB0, 1 Low-Level Width
SB0, 1 High-Level Width
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
1600
ns
100
ns
tKCY/2
ns
0
300
ns
tKCY
ns
tKCY
ns
tKCY
ns
tKCY
ns
tKCY4
tKL4
tKH4
tSIK4
tKSI4
tKSO4
tKSB
tSBK
tSBL
tSBH
↑
↑
RL = 1k
Ω, CL = 100pF*
↓ →
↑ →
↓
↓ →
↓
5
5
ns
400
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com