Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1624CS8 Datasheet(PDF) 21 Page - Linear Technology

Part # LTC1624CS8
Description  High Efficiency SO-8 N-Channel Switching Regulator Controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1624CS8 Datasheet(HTML) 21 Page - Linear Technology

Back Button LTC1624CS8 Datasheet HTML 17Page - Linear Technology LTC1624CS8 Datasheet HTML 18Page - Linear Technology LTC1624CS8 Datasheet HTML 19Page - Linear Technology LTC1624CS8 Datasheet HTML 20Page - Linear Technology LTC1624CS8 Datasheet HTML 21Page - Linear Technology LTC1624CS8 Datasheet HTML 22Page - Linear Technology LTC1624CS8 Datasheet HTML 23Page - Linear Technology LTC1624CS8 Datasheet HTML 24Page - Linear Technology LTC1624CS8 Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
21
LTC1624
TYPICAL APPLICATIONS
Figure 9. LTC1624 Layout Diagram (See Board Layout Checklist)
+
+
SENSE
ITH/RUN
VFB
GND
VIN
BOOST
TG
SW
LTC1624
1000pF
100pF
CC
560pF
RC
4.7k
D1
MBRS340T3
D2
CMDSH-3
CB
0.1
µF
8
7
6
5
1
2
3
4
R2
35.7k
1%
R1
11k
1%
COUT
100
µF
10V
× 2
M1
Si4412DY
L1*
10
µH
RSENSE
0.033
CIN
22
µF
35V
× 2
VOUT
5V
3A
VIN
5.3V TO 28V
1624 F10
*COILTRONICS CTX10-4
0.1
µF
Figure 10. 5V/3A Converter with Output Derived Boost Voltage
+
SENSE
ITH/RUN
VFB
GND
VIN
BOOST
TG
SW
LTC1624
1000pF
8
7
6
5
1
2
3
4
100pF
BOLD LINES INDICATE
HIGH CURRENT PATHS
CC
RC
D1
CB
0.1
µF
R2
R1
COUT
M1
L1
+
RSENSE
CIN
VIN
+
VOUT
1624 F09
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com