Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1624CS8 Datasheet(PDF) 24 Page - Linear Technology

Part # LTC1624CS8
Description  High Efficiency SO-8 N-Channel Switching Regulator Controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1624CS8 Datasheet(HTML) 24 Page - Linear Technology

Back Button LTC1624CS8 Datasheet HTML 20Page - Linear Technology LTC1624CS8 Datasheet HTML 21Page - Linear Technology LTC1624CS8 Datasheet HTML 22Page - Linear Technology LTC1624CS8 Datasheet HTML 23Page - Linear Technology LTC1624CS8 Datasheet HTML 24Page - Linear Technology LTC1624CS8 Datasheet HTML 25Page - Linear Technology LTC1624CS8 Datasheet HTML 26Page - Linear Technology LTC1624CS8 Datasheet HTML 27Page - Linear Technology LTC1624CS8 Datasheet HTML 28Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
24
LTC1624
TYPICAL APPLICATIONS
+
+
SENSE–
ITH/RUN
VFB
GND
VIN
BOOST
TG
SW
LTC1624
1000pF
100pF
CC
330pF
RC
6.8k
D1
MBRS130LT3
D2
CMDSH-3
CB
0.1
µF
8
7
6
5
1
2
3
4
+
R2
35.7k
1%
R1
11k
1%
COUT
100
µF
16V
× 2
M1
Si6426DQ
L1b*
L1a*
RSENSE
0.05
Ω
CIN
22
µF
35V
× 2 22µF
35V
VOUT
5V
1A
VOUT
VIN
3.6V TO 18V
1624 F17
* COILTRONICS CTX20-4
0.1
µF
Figure 17. 5V/1A SEPIC Converter with Output Derived Boost Voltage
Figure 18. 24V to 12V/10A Buck Converter with Output-Derived Boost Voltage
+
SENSE–
ITH/RUN
VFB
GND
VIN
BOOST
TG
SW
LTC1624
CIN1, CIN2
1000
µF
35V
× 2
VIN
13V TO
28V
D1*
CB
0.1
µF
C5
3.3
µF
50V
C4, 0.1
µF
8
7
6
5
1
2
3
4
RSENSE2, 0.015Ω
R1
11k
1%
RC
20k
CC
100pF
M1*
COUT
2700
µF
16V
R5
220
Ω
R2
100k
1%
Z1
IN 755
L1
VOUT
12V
10A
1624 F18
CIN1, CIN2 = SANYO 35MV1000GX
C5, C7 = WIMA MKS2
COUT = SANYO 16MV2700GX
D1 = MOTOROLA MBR2535CT
L1 = PULSE ENGINEERING PO472
M1 = INTERNATIONAL RECTIFIER IRL3803
RSENSE1, RSENSE2 = IRC LR2010-01-R015-F
* BOTH D1 AND M1 MOUNTED TO SAME
THERMALLOY #6399B HEAT SINK
RSENSE1, 0.015Ω
+
C7
3.3
µF
50V
C9
0.1
µF
C10
220pF
D2
MBR0540



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com