Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1645 Datasheet(PDF) 16 Page - Linear Technology

Part # LTC1645
Description  Dual-Channel Hot Swap Controller/Power Sequencer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1645 Datasheet(HTML) 16 Page - Linear Technology

Back Button LTC1645 Datasheet HTML 12Page - Linear Technology LTC1645 Datasheet HTML 13Page - Linear Technology LTC1645 Datasheet HTML 14Page - Linear Technology LTC1645 Datasheet HTML 15Page - Linear Technology LTC1645 Datasheet HTML 16Page - Linear Technology LTC1645 Datasheet HTML 17Page - Linear Technology LTC1645 Datasheet HTML 18Page - Linear Technology LTC1645 Datasheet HTML 19Page - Linear Technology LTC1645 Datasheet HTML 20Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
16
LTC1645
Figure 17. Ramping Up 5V Followed by 3.3V
IRF7413
IRF7413
10
Ω
10
Ω
28k
1%
RHYST
681k
14.7k
1%
10k
1%
0.01
µF
25V
0.33
µF
1
12
2
3
8
9
6
5
11
7
10
4
ON
FAULT
TIMER
GND
13
14
VCC1 SENSE1
GATE2
GATE1
VCC2
VIN2
3.3V
VIN1
5V
VOUT1
5V
5A
D1
1N4148
VOUT2
3.3V
5A
LTC1645
(14-LEAD)
COMP+
COMPOUT
FB
SENSE2
FAULT
1645 F17
0.01
µF
25V
RESET
+
CLOAD1
CLOAD2
+
10k
R1
47.5k
1%
R2
10k
1%
10k
10k
10k
1%
µP RESET2
µP RESET
0.005
Ω*
0.005
Ω*
13k
1%
*LRF1206-01-R005-J (IRC)
BOTH CURRENT LIMITS: 10A
APPLICATIO S I FOR ATIO
Figure 18. Power Supply Multiplexer
Q1A
Q1B
10
Ω
R2
10k
0.1
µF
25V
0.33
µF
10
Ω
1
12
2
3
8
9
6
5
11
7
13
14
10
4
VCC1
ON
FAULT
TIMER
GND
SENSE1
GATE2
GATE1
VCC2
VIN1
3.3V
VIN2
5V
D1
1/2 BAT54C
D2
1/2
BAT54C
Q3
PN2222
VOUT
5V OR
3.3V
5A
LTC1645
(14-LEAD)
COMP+
COMPOUT
FB
SENSE2
1645 F18
0.1
µF
25V
RESET
22.6k
1%
R1
10k
10k
10k
11.3k
1%
IRF7313
Q2A
Q2B
IRF7313



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com