Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1645 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC1645
Description  Dual-Channel Hot Swap Controller/Power Sequencer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1645 Datasheet(HTML) 3 Page - Linear Technology

  LTC1645 Datasheet HTML 1Page - Linear Technology LTC1645 Datasheet HTML 2Page - Linear Technology LTC1645 Datasheet HTML 3Page - Linear Technology LTC1645 Datasheet HTML 4Page - Linear Technology LTC1645 Datasheet HTML 5Page - Linear Technology LTC1645 Datasheet HTML 6Page - Linear Technology LTC1645 Datasheet HTML 7Page - Linear Technology LTC1645 Datasheet HTML 8Page - Linear Technology LTC1645 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
3
LTC1645
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VTM
TIMER Pin Voltage Threshold
q
1.212
1.230
1.248
V
∆VTM
TIMER Pin Threshold Line Regulation
VCC1 = 2.375V to 12V
q
19
mV
ITM
TIMER Pin Current
Timer On, VTIMER = 0.6V, VCC1 = 5V
q
– 2.3
– 2
– 1.7
µA
Timer Off, VTIMER = 1.5V
12
mA
VCB1
Circuit Breaker Trip Voltage 1
VCB1 = (VCC1 – VSENSE1)
q
46
50
56
mV
VCB2
Circuit Breaker Trip Voltage 2
VCB2 = (VCC2 – VSENSE2)
q
46
50
56
mV
tCBDn
Circuit Breaker Trip Delay
VCBn = (VCCn – VSENSEn) > 60mV
1.5
µs
ICP
GATE
n Pin Output Current
ON = 2.2V, VGATEn = VCCn, VCC1 = 5V, VCC2 = 3.3V
q
– 12.5
– 10
– 7.5
µA
ON = 0.7V, VGATEn = VCCn, VCC1 = 5V, VCC2 = 3.3V
q
30
40
50
µA
ON = 0.3V, VGATEn = VCCn, VCC1 = 5V, VCC2 = 3.3V
12
mA
∆VGATEn External N-Channel Gate Drive
∆VGATEn = (VGATEn – VCCn)
q
4.5
16
V
VONFPD
ON Pin Fast Pull-Down Threshold
Low to High
q
0.375
0.4
0.425
V
High to Low, Fast Pull-Down Engaged
q
0.35
0.375
0.4
V
VON1
ON Pin Threshold #1
Low to High, GATE1 Turns On
q
0.8
0.825
0.85
V
High to Low, GATE1 Turns Off
q
0.775
0.8
0.825
V
VON2
ON Pin Threshold #2
Low to High, GATE2 Turns On
q
2
2.025
2.050
V
High to Low, GATE2 Turns Off
q
1.975
2
2.025
V
VONHYST
ON Pin Hysteresis
25
mV
ION
ON Pin Input Current
VCC1 = 5V, VCC2 = 3.3V
q
±0.01
±2
µA
VOL
Output Low Voltage
RESET, FAULT, COMPOUT, IOUT = 1.6mA, VCC1 = 5V
q
0.16
0.4
V
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: All currents into device pins are positive; all currents out of device
pins are negative. All voltages are referenced to ground unless otherwise
specified.
The q denotes the specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25°C.
2.375V
≤ VCC1 ≤ 12V, 1.2V ≤ VCC2 ≤ 12V unless otherwise noted (Note 2).
Note 3: An internal zener on the GATE
n pins clamps the charge pump
voltage to a typical maximum operating voltage of 22V. External overdrive
of a GATE pin (for example, from capacitive coupling of VCCn glitches)
beyond the internal zener voltage may damage the device. If a lower
GATE
n pin clamp voltage is desired, use an external zener diode.
VCC1 Supply Current vs Voltage
VCC2 Supply Current vs Voltage
VCC1 (V)
0
1.0
2.0
3.0
0.5
1.5
2.5
46
8
10
1645 G01
12
3
25
7
9
11
TA = 25°C
VCC2 = 1.5V
VCC2 = 12V
VCC2 (V)
0
0.5
1.5
2.0
2.5
3.5
1
5
7
1645 G02
1.0
3.0
4
9
10 11 12
2
3
68
TA = 25°C
VCC1 = 2.375V
VCC1 = 12V
Supply Current vs Temperature
TEMPERATURE (
°C)
–40
0.8
1.0
1.4
20
60
1645 G03
0.6
0.4
–20
0
40
80
100
0.2
0
1.2
VCC1 = 5V
VCC2 = 3.3V
ICC1
ICC2
ELECTRICAL CHARACTERISTICS
TYPICAL PERFOR A CE CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com