Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1664 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC1664
Description  Micropower Quad 10-Bit DAC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1664 Datasheet(HTML) 4 Page - Linear Technology

  LTC1664 Datasheet HTML 1Page - Linear Technology LTC1664 Datasheet HTML 2Page - Linear Technology LTC1664 Datasheet HTML 3Page - Linear Technology LTC1664 Datasheet HTML 4Page - Linear Technology LTC1664 Datasheet HTML 5Page - Linear Technology LTC1664 Datasheet HTML 6Page - Linear Technology LTC1664 Datasheet HTML 7Page - Linear Technology LTC1664 Datasheet HTML 8Page - Linear Technology LTC1664 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
LTC1664
Supply Current vs Temperature
TEMPERATURE (
°C)
–55 –35 –15
5
25
45
65
85 105 125
1664 G06
250
240
230
220
210
200
190
180
170
160
150
VCC = 5.5V
VCC = 4.5V
VCC = 3.6V
VCC = 2.7V
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
t6
LSB SCK High to CS/LD High
(Note 6)
q
50
5
ns
t7
CS/LD Low to SCK High
(Note 6)
q
100
27
ns
t8
DOUT Propagation Delay
CLOAD = 15pF (Note 6)
q
5
47
150
ns
t9
SCK Low to CS/LD Low
(Note 6)
q
30
0
ns
t10
CLR Pulse Width
(Note 6)
q
120
41
ns
t11
CS/LD High to SCK Positive Edge
(Note 6)
q
30
0
ns
SCK Frequency
Continuous Square Wave (Note 6)
q
3.85
MHz
Continuous 28% Duty Cycle Pulse
q
5.55
MHz
Gated Square Wave
q
10
MHz
TYPICAL PERFOR A CE CHARACTERISTICS
TI I G CHARACTERISTICS The q denotes specifications which apply over the full operating temperature
range, otherwise specifications are at TA = 25°C. (See Figure 1)
Note 1: Absolute maximum ratings are those values beyond which the life
of a device may be impaired.
Note 2: Nonlinearity and monotonicity are defined from code 20 to code
1023. See Applications Information.
Note 3: Digital inputs at 0V or VCC.
Note 4: Load is 10k
Ω in parallel with 100pF.
Note 5: VCC = VREF = 5V. DAC switched between 0.1VFS and 0.9VFS,
i.e., codes 102 and 922.
Note 6: Guaranteed by design and not subject to test.
Note 7: Measured at code 20.
Differential Nonlinearity (DNL)
Integral Nonlinearity (INL)
CODE
0
256
512
768
1023
1664 G07
2.5
2.0
1.5
1.0
0.5
0
– 0.5
–1.0
–1.5
– 2.0
– 2.5
VCC = 5V
VREF = 4.096V
CODE
0
256
512
768
1023
1664 G08
1
0.8
0.6
0.4
0.2
0
–0.2
–0.4
–0.6
–0.8
–1
VCC = 5V
VREF = 4.096V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com