Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1664 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC1664
Description  Micropower Quad 10-Bit DAC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1664 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC1664 Datasheet HTML 2Page - Linear Technology LTC1664 Datasheet HTML 3Page - Linear Technology LTC1664 Datasheet HTML 4Page - Linear Technology LTC1664 Datasheet HTML 5Page - Linear Technology LTC1664 Datasheet HTML 6Page - Linear Technology LTC1664 Datasheet HTML 7Page - Linear Technology LTC1664 Datasheet HTML 8Page - Linear Technology LTC1664 Datasheet HTML 9Page - Linear Technology LTC1664 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
LTC1664
PIN FUNCTIONS
GND (Pin 1): System Ground.
VOUT A to VOUT D (Pins 2–5): DAC Analog Voltage Outputs.
The output range is
0
1023
1024
to
VREF


REF (Pin 6): Reference Voltage Input. 0V
≤ VREF ≤ VCC.
CS/LD (Pin 7): Serial Interface Chip Select/Load Input.
When CS/LD is low, SCK is enabled for shifting data on DIN
into the register. When CS/LD is pulled high, SCK is
disabled and data is loaded from the shift register into the
specified DAC register(s), updating the analog output(s).
CMOS and TTL compatible.
SCK (Pin 8): Serial Interface Clock Input. CMOS and TTL
compatible.
DIN (Pin 9): Serial Interface Data Input. Data on the DIN pin
is shifted into the 16-bit register on the rising edge of SCK.
CMOS and TTL compatible.
DOUT (Pin 10): Serial Interface Data Output. Data appears
on DOUT 16 positive SCK edges after being applied to DIN.
May be tied to DIN of another serial device for daisy-chain
operaton. CMOS and TTL compatible.
CLR (Pin 11): Asynchronous Clear Input. All internal shift
and DAC registers are cleared to zero at the falling edge of
the CLR signal, forcing the analog outputs to zero scale.
CMOS and TTL compatible.
NC (Pins 12–15): Make no electrical connection to these
pins.
VCC (Pin 16): Supply Voltage Input. 2.7V ≤ VCC ≤ 5.5V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com