Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1685 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC1685
Description  52Mbps, Precision Delay, RS485 Fail-Safe Transceiver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1685 Datasheet(HTML) 5 Page - Linear Technology

  LTC1685 Datasheet HTML 1Page - Linear Technology LTC1685 Datasheet HTML 2Page - Linear Technology LTC1685 Datasheet HTML 3Page - Linear Technology LTC1685 Datasheet HTML 4Page - Linear Technology LTC1685 Datasheet HTML 5Page - Linear Technology LTC1685 Datasheet HTML 6Page - Linear Technology LTC1685 Datasheet HTML 7Page - Linear Technology LTC1685 Datasheet HTML 8Page - Linear Technology LTC1685 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
LTC1685
TYPICAL PERFORMANCE CHARACTERISTICS
DI (Pin 4): Driver Input. Controls the states of the A and
B outputs only if DE = High. If DE = Low, DI will have no
effect on A and B pins. Do not float.
GND (Pin 5): Ground.
A (Pin 6): Noninverting Receiver Input/Driver Output.
B (Pin 7): Inverting Receiver Input/Driver Output.
VDD (Pin 8): Positive Supply, 5V to ±5%. Bypass with
0.1
µF ceramic capacitor.
PIN FUNCTIONS
RO (Pin 1): Receiver Output. If A
≥ B by 300mV, then RO
will be high. If A
≤ B by 300mV, then RO will be low.
RE (Pin 2): Receiver Enable. RE = Low enables the
receiver. RE = High forces receiver output into high
impedance state. Do not float.
DE (Pin 3): Driver Enable. DE = High enables the driver.
DE = Low will force the driver output into a high impedance
state and the device will function as a line receiver if RE is
also low. Do not float.
Driver Propagation Delay
vs Temperature
TEMPERATURE (
°C)
–20
0
5
10
15
20
25
0
20
40
60
1685 G07
80
100
Driver Propagation Delay
vs Driver Input Voltage
DRIVER INPUT VOLTAGE (V)
2.5
15
20
25
4.5
1685 G08
10
5
0
3.0
3.5
4.0
5.0
tLH
VDD = 5V
INPUT THRESHOLD = 1.5V
TA = 25°C
tHL
Driver Propagation Delay
vs Capacitive Load
LOAD CAPACITANCE (pF)
5
16.0
16.5
17.0
17.5
18.0
19.0
15
25
50
75
1685 G11
100
150
18.5
TA = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com