Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1685 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC1685
Description  52Mbps, Precision Delay, RS485 Fail-Safe Transceiver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1685 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC1685 Datasheet HTML 2Page - Linear Technology LTC1685 Datasheet HTML 3Page - Linear Technology LTC1685 Datasheet HTML 4Page - Linear Technology LTC1685 Datasheet HTML 5Page - Linear Technology LTC1685 Datasheet HTML 6Page - Linear Technology LTC1685 Datasheet HTML 7Page - Linear Technology LTC1685 Datasheet HTML 8Page - Linear Technology LTC1685 Datasheet HTML 9Page - Linear Technology LTC1685 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
LTC1685
FU CTIO TABLES
Transmitting
INPUTS
LINE
OUTPUTS
RE
DE
DI
CONDITION
B
A
X
1
1
No Fault
0
1
X
1
0
No Fault
1
0
X
0
X
X
Hi-Z
Hi-Z
X
1
X
Fault
Receiving
INPUTS
OUTPUT
RE
DE
A – B
RO
00
≥ 300mV
1
00
≤ – 300mV
0
0
0
Inputs Open
1
0
0
Inputs Shorted Together
1
A = B = – 7V to 12V
1
X
X
Hi-Z
±10mA Current Source
TEST CIRCUITS
VOD
A
B
R
R
VOC
1685 F01
Figure 1. Driver DC Test Load
RECEIVER
OUTPUT
CL
15pF
1k
S1
S2
TEST POINT
VDD
1k
1685 F02
Figure 2. Driver DC Test Load
OUTPUT
UNDER TEST
CL
S1
S2
VDD
500
Ω
1685 F04
Figure 3. Driver/Receiver Timing Test Circuit
Figure 4. Driver Timing Test Load #2
3V
DE
A
B
DI
RDIFF
CL1
CL2
RO
15pF
A
B
RE
1685 F03



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com