Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1707IS8 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC1707IS8
Description  High Efficiency Monolithic Synchronous Step-Down Switching Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1707IS8 Datasheet(HTML) 2 Page - Linear Technology

  LTC1707IS8 Datasheet HTML 1Page - Linear Technology LTC1707IS8 Datasheet HTML 2Page - Linear Technology LTC1707IS8 Datasheet HTML 3Page - Linear Technology LTC1707IS8 Datasheet HTML 4Page - Linear Technology LTC1707IS8 Datasheet HTML 5Page - Linear Technology LTC1707IS8 Datasheet HTML 6Page - Linear Technology LTC1707IS8 Datasheet HTML 7Page - Linear Technology LTC1707IS8 Datasheet HTML 8Page - Linear Technology LTC1707IS8 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
LTC1707
ORDER PART
NUMBER
S8 PART MARKING
Consult factory for Military grade parts.
1707
1707I
LTC1707CS8
LTC1707IS8
TJMAX = 125°C, θJA = 110°C/ W
TOP VIEW
VREF
SYNC/MODE
VIN
SW
ITH
RUN/SS
VFB
GND
S8 PACKAGE
8-LEAD PLASTIC SO
1
2
3
4
8
7
6
5
(Note 1)
Input Supply Voltage ................................ – 0.3V to 10V
ITH Voltage ................................................. –0.3V to 5V
RUN/SS, VFB Voltages ............................... – 0.3V to VIN
SYNC/MODE Voltage ................................. – 0.3V to VIN
P-Channel Switch Source Current (DC) .............. 800mA
N-Channel Switch Sink Current (DC) .................. 800mA
Peak SW Sink and Source Current ......................... 1.5A
Operating Ambient Temperature Range
Commercial ............................................ 0
°C to 70°C
Industrial ........................................... – 40
°C to 85°C
Junction Temperature (Note 2) ............................. 125
°C
Storage Temperature Range ................ – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec)................. 300
°C
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
IVFB
Feedback Current
(Note 3)
6
60
nA
VFB
Regulated Feedback Voltage
(Note 3)
q
0.78
0.80
0.82
V
∆VOVL
Output Overvoltage Lockout
∆VOVL = VOVL – VFB
20
60
110
mV
∆VFB
Reference Voltage Line Regulation
VIN = 3V to 8.5V (Note 3)
0.002
0.01
%/V
VLOADREG
Output Voltage Load Regulation
ITH Sinking 2µA (Note 3)
0.5
0.8
%
ITH Sourcing 2µA (Note 3)
– 0.5
– 0.8
%
IS
Input DC Bias Current
(Note 4)
Pulse Skipping Mode
VIN = 8.5V, VOUT = 3.3V, VSYNC/MODE = 0V
300
µA
Burst Mode Operation
VITH = 0V, VIN = 8.5V, VSYNC/MODE = Open
200
320
µA
Shutdown
VRUN/SS = 0V, 3V < VIN < 8.5V
11
35
µA
Shutdown
VRUN/SS = 0V, VIN < 3V
6
µA
VRUN/SS
Run/SS Threshold
VRUN/SS Ramping Positive
0.4
0.7
1.0
V
IRUN/SS
Soft-Start Current Source
VRUN/SS = 0V
1.2
2.25
3.3
µA
ISYNC/MODE
SYNC/MODE Pull-Up Current
VSYNC/MODE = 0V
0.5
1.5
2.5
µA
fOSC
Oscillator Frequency
VFB = 0.7V
315
350
385
kHz
VFB = 0V
35
kHz
VUVLO
Undervoltage Lockout
VIN Ramping Down from 3V (0°C to 70°C)
2.55
2.70
2.85
V
VIN Ramping Up from 0V (0°C to 70°C)
2.60
2.80
3.00
V
VIN Ramping Down from 3V (–40°C to 85°C)
2.45
2.70
2.85
V
VIN Ramping Up from 0V (–40°C to 85°C)
2.50
2.80
3.00
V
RPFET
RDS(ON) of P-Channel FET
ISW = –100mA
0.5
0.7
RNFET
RDS(ON) of N-Channel FET
ISW = – 100mA
0.6
0.8
IPK
Peak Inductor Current
VIN = 4V, ITH = 1.4V, Duty Cycle < 40%
0.70
0.915
1.10
A
ILSW
SW Leakage
VRUN/SS = 0V
±10
±1000
nA
VREF
Reference Output Voltage
IREF = 0µA
q
1.178
1.19
1.202
mV
∆VREF
Reference Output Load Regulation
0V
≤ IREF ≤ 100µA
q
2.3
15
mV
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: TJ is calculated from the ambient temperature TA and power
dissipation PD according to the following formula:
TJ = TA + (PD • 110°C/W)
Note 3: The LTC1707 is tested in a feedback loop that servos VFB to the
balance point for the error amplifier (VITH = 0.8V).
Note 4: Dynamic supply current is higher due to the gate charge being
delivered at the switching frequency.
The q denotes specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 5V unless otherwise specified.
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com