Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1707IS8 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC1707IS8
Description  High Efficiency Monolithic Synchronous Step-Down Switching Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1707IS8 Datasheet(HTML) 4 Page - Linear Technology

  LTC1707IS8 Datasheet HTML 1Page - Linear Technology LTC1707IS8 Datasheet HTML 2Page - Linear Technology LTC1707IS8 Datasheet HTML 3Page - Linear Technology LTC1707IS8 Datasheet HTML 4Page - Linear Technology LTC1707IS8 Datasheet HTML 5Page - Linear Technology LTC1707IS8 Datasheet HTML 6Page - Linear Technology LTC1707IS8 Datasheet HTML 7Page - Linear Technology LTC1707IS8 Datasheet HTML 8Page - Linear Technology LTC1707IS8 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
LTC1707
Maximum Output Current vs
Input Voltage
Switch Leakage Current
vs Temperature
Switch Resistance
vs Input Voltage
Load Step Transient Response
INPUT VOLTAGE (V)
2.5
0
200
400
600
6.5
1000
1707 G10
4.5
3.5
7.5
5.5
8.5
800
TJ = 85°C
L = 15
µH
VOUT = 5V
VOUT = 1.5V
VOUT = 2.5V
VOUT = 2.9V
VOUT = 3.3V
VOUT = 1.8V
TEMPERATURE (
°C)
–50
– 25
0
200
600
800
1000
75
100
1800
1707 G11
400
0
25
50
125
1200
1400
1600
VIN = 8.4V
SYNCHRONOUS
SWITCH
MAIN
SWITCH
Switch Resistance
vs Temperature
TEMPERATURE (
°C)
–50
– 25
0
0.1
0.3
0.4
0.5
75
100
0.9
1707 G12
0.2
0
25
50
125
0.6
0.7
0.8
VIN = 5V
SYNCHRONOUS
SWITCH
MAIN
SWITCH
Burst Mode Operation
INPUT VOLTAGE (V)
2.5
0
0.1
0.3
0.4
0.5
6.5
0.9
1707 G13
0.2
4.5
3.5
7.5
5.5
8.5
0.6
0.7
0.8
SYNCHRONOUS SWITCH
MAIN SWITCH
ITH
0.5V/DIV
VOUT
50mV/DIV
AC COUPLED
ILOAD
500mA/DIV
25
µs/DIV
1707 G14
SW
5V/DIV
VOUT
20mV/DIV
AC COUPLED
ILOAD
200mA/DIV
10
µs/DIV
1707 G15
FIGURE 1A
VIN = 5V
FIGURE 1A
ILOAD = 50mA
VIN = 5V
TYPICAL PERFOR A CE CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com