Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1736 Datasheet(PDF) 25 Page - Linear Technology

Part # LTC1736
Description  5-Bit Adjustable High Efficiency Synchronous Step-Down Switching Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1736 Datasheet(HTML) 25 Page - Linear Technology

Back Button LTC1736 Datasheet HTML 20Page - Linear Technology LTC1736 Datasheet HTML 21Page - Linear Technology LTC1736 Datasheet HTML 22Page - Linear Technology LTC1736 Datasheet HTML 23Page - Linear Technology LTC1736 Datasheet HTML 24Page - Linear Technology LTC1736 Datasheet HTML 25Page - Linear Technology LTC1736 Datasheet HTML 26Page - Linear Technology LTC1736 Datasheet HTML 27Page - Linear Technology LTC1736 Datasheet HTML 28Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 25 / 28 page
background image
25
LTC1736
APPLICATIO S I FOR ATIO
Design Example
As a design example, assume VIN = 12V(nominal), VIN =
22V(max), VOUT= 1.6V(nominal), 1.8V to 1.3V range, IMAX
= 12A and f = 275kHz. RSENSE and COSC can immediately
be calculated:
RSENSE = 50mV/12A = 0.0042Ω
COSC = 1.61(107)/(275kHz) – 11pF = 47pF
Assume a 1.2
µH inductor and check the actual value of the
ripple current. The following equation is used :
∆I
V
fL
V
V
L
OUT
OUT
IN
=


()( )
–
1
The highest value of the ripple current occurs at the
maximum input and output voltages:
∆I
V
kHz
H
V
V
A
L =
µ


=
18
275
1 2
1
18
22
5
.
(.
)
–
.
The maximum ripple current is 42% of maximum output
current, which is about right.
Next, verify the minimum on-time of 200ns is not violated.
The minimum on-time occurs at maximum VIN and mini-
mum VOUT.
t
V
Vf
V
V
kHz
ns
ON MIN
OUT
IN MAX
()
()
.
()
=
()
==
13
22 275
215
The power dissipation on the topside MOSFET can be
easily estimated. Choosing a Fairchild FDS6612A results
in: RDS(ON) = 0.03Ω, CRSS = 80pF. At maximum input
voltage with T(estimated) = 50
°C:
P
V
V
CC
V
A
pF
kHz
mW
MAIN =
() +° °
[] Ω
()
+
() ( )( )(
)
=
16
22
12
1
0 005 50
25
0 03
1 7 22
12
80
275
571
2
2
.
( .
)(
–
)
.
.
Because the duty cycle of the bottom MOSFET is much
greater than the top, two larger MOSFETs must be paral-
leled. Choosing Fairchild FDS6680A MOSFETs yields a
parallel RDS(ON) of 0.0065Ω. The total power dissipaton
for both bottom MOSFETs, again assuming T = 50
°C, is:
P
VV
V
A
mW
SYNC =
() ( )
Ω
()
=
22
1 6
22
12
1 1 0 0065
955
2
–.
..
Thanks to current foldback, the bottom MOSFET dissipaton
in short circuit will be less than under full-load conditions.
CIN is chosen for an RMS current rating of at least 6A at
temperature. COUT is chosen with an ESR of 0.01Ω for low
output ripple. The output ripple in continuous mode will be
highest at the maximum input voltage. The output voltage
ripple due to ESR is approximately:
VORIPPLE = RESR(∆IL) = 0.01Ω(5A) = 50mVP-P
PC Board Layout Checklist
When laying out the printed circuit board, the following
checklist should be used to ensure proper operation of the
LTC1736. These items are also illustrated graphically in
the layout diagram of Figure 10. Check the following in
your layout:
1. Are the signal and power grounds segregated? The
LTC1736 PGND pin should tie to the GND plane close to
the input capacitor. The SGND pin should then connect
to PGND and all components that connect to SGND
should make a single point tie to the SGND pin. The low
side FET source pins should connect directly to the
input capacitor ground.
Figure 9. Plugging into the Cigarette Lighter
VIN
50A IPK RATING
1736 F09
LTC1736
12V
TRANSIENT VOLTAGE
SUPPRESSOR
GENERAL INSTRUMENT
1.5KA24A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com