Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1736 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC1736
Description  5-Bit Adjustable High Efficiency Synchronous Step-Down Switching Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1736 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC1736 Datasheet HTML 3Page - Linear Technology LTC1736 Datasheet HTML 4Page - Linear Technology LTC1736 Datasheet HTML 5Page - Linear Technology LTC1736 Datasheet HTML 6Page - Linear Technology LTC1736 Datasheet HTML 7Page - Linear Technology LTC1736 Datasheet HTML 8Page - Linear Technology LTC1736 Datasheet HTML 9Page - Linear Technology LTC1736 Datasheet HTML 10Page - Linear Technology LTC1736 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
7
LTC1736
PI FU CTIO S
COSC (Pin 1): External capacitor COSC from this pin to
ground sets the operating frequency.
RUN/SS (Pin 2): Combination of Soft-Start and Run
Control Inputs. A capacitor to ground at this pin sets the
ramp time to full output current. The time is approximately
1.25s/
µF. Forcing this pin below 1.5V causes the device to
be shut down. In shutdown all functions are disabled.
Latchoff overcurrent protection is also invoked via this pin
as described in the Applications Information section.
ITH (Pin 3): Error Amplifier Compensation Point. The
current comparator threshold increases with this control
voltage. Nominal voltage range for this pin is 0V to 2.4V.
FCB (Pin 4): Forced Continuous/Synchronization Input.
Tie this pin to ground for continuous synchronous opera-
tion, to a resistive divider from the secondary output when
using a secondary winding, or to INTVCC to enable Burst
Mode operation at low load currents. Clocking this pin with
a signal above 1.5VP-P disables Burst Mode operation but
allows cycle skipping at low load currents and synchro-
nizes the internal oscillator with the external clock.
SGND (Pin 5): Small-Signal Ground. All small-signal
components such as COSC, CSS plus the loop compensa-
tion resistors and capacitor(s) should single-point tie to
this pin. This pin should, in turn, connect to PGND.
PGOOD (Pin 6): Open-Drain Logic Output. PGOOD is
pulled to ground when the voltage on the VOSENSE pin is
not within
±7.5% of its set point.
SENSE – (Pin 7): The (–) Input to the Current Comparator.
SENSE + (Pin 8): The (+) Input to the Current Comparator.
Built-in offsets between SENSE – and SENSE + pins in
conjunction with RSENSE set the current trip threshold.
VFB (Pin 9): Divided Down VOSENSE Voltage Feeding the
Error Amplifier of the Regulator. The VID inputs program
a resistive divider between VOSENSE and SGND; the tap
point on the divider is VFB . The voltage on VFBis 0.8V when
the output is in regulation. This pin can be bypassed to
SGND with 50pF to 100pF.
VOSENSE (Pin 10): Receives the remotely sensed feedback
voltage from the output.
VID0 to VID4 (Pins 11 to 15): Digital Inputs for controlling
the output voltage from 0.925V to 2.0V. Table 1 specifies
the VOSENSE voltages for the 32 combinations of digital
inputs. The LSB (VID0) represents 50mV increments in
the upper voltage range (2.00V to 1.30V) and 25mV
increments in the lower voltage range (1.275V to 0.925V).
Logic Low = GND, Logic High = VIDVCC or Float.
VIDVCC (Pin 16): VID Input Supply Voltage. Can range
from 2.7V to 7V. Typically this pin is tied to INTVCC.
EXTVCC (Pin 17): Input to the Internal Switch Connected
to INTVCC. This switch closes and supplies VCC power
whenever EXTVCC is higher than 4.7V. See EXTVCC con-
nection in the Applications Information section. Do not
exceed 7V to this pin and ensure EXTVCC ≤ VIN.
PGND (Pin 18): Driver Power Ground. This pin connects
to the source of the bottom N-channel MOSFET, the anode
of the Schottky diode and the (–) terminal of CIN.
BG (Pin 19): High Current Gate Drive for Bottom
N-Channel MOSFET. Voltage swing at this pin is from
ground to INTVCC .
INTVCC (Pin 20): Output of the Internal 5.2V Regulator and
EXTVCC Switch. The driver and control circuits are pow-
ered from this voltage. Decouple to power ground with a
1
µF ceramic capacitor placed directly adjacent to the IC
together with a minimum of 4.7
µF tantalum or other low
ESR capacitor.
VIN (Pin 21): Main Supply Pin. This pin must be closely
decoupled to power ground.
SW (Pin 22): Switch Node Connection to Inductor and
Bootstrap Capacitor. Voltage swing at this pin is from a
Schottky diode (external) voltage drop below ground to
VIN.
BOOST (Pin 23): Supply to Topside Floating Driver. The
bootstrap capacitor is returned to this pin. Voltage swing
at this pin is from a diode drop below INTVCC to VIN +
INTVCC.
TG (Pin 24): High Current Gate Drive for Top N-Channel
MOSFET. This is the output of a floating driver with a
voltage swing equal to INTVCC superimposed on the
switch node voltage SW.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com