Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1736C Datasheet(PDF) 17 Page - Linear Technology

Part # LTC1736C
Description  5-Bit Adjustable High Efficiency Synchronous Step-Down Switching Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1736C Datasheet(HTML) 17 Page - Linear Technology

Back Button LTC1736C Datasheet HTML 13Page - Linear Technology LTC1736C Datasheet HTML 14Page - Linear Technology LTC1736C Datasheet HTML 15Page - Linear Technology LTC1736C Datasheet HTML 16Page - Linear Technology LTC1736C Datasheet HTML 17Page - Linear Technology LTC1736C Datasheet HTML 18Page - Linear Technology LTC1736C Datasheet HTML 19Page - Linear Technology LTC1736C Datasheet HTML 20Page - Linear Technology LTC1736C Datasheet HTML 21Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
17
LTC1736
APPLICATIO S I FOR ATIO
Soft-Start/Run Function
The RUN/SS pin is a multipurpose pin that provides a soft-
start function and a means to shut down the LTC1736.
Soft-start reduces surge currents from VIN by gradually
increasing the controller’s current limit ITH(MAX). This pin
can also be used for power supply sequencing.
Pulling the RUN/SS pin below 1.5V puts the LTC1736 into
a low quiescent current shutdown (IQ< 25µA). This pin can
be driven directly from logic as shown in Figure 3. Releas-
ing the RUN/SS pin allows an internal 1.2
µA current
source to charge up the external soft-start capacitor CSS.
If RUN/SS has been pulled all the way to ground there is
a delay before starting of approximately:
t
V
A
Cs
F C
DELAY
SS
SS
=
µ
=µ
()
15
12
125
.
.
./
When the voltage on RUN/SS reaches 1.5V the LTC1736
begins operating with a current limit at approximately
25mV/RSENSE. As the voltage on RUN/SS increases from
1.5V to 3.0V, the internal current limit is increased from
25mV/RSENSE to 75mV/RSENSE. The output current limit
ramps up slowly, taking an additional 1.25s/
µF to reach
full current. The output current thus ramps up slowly
reducing the starting surge current required from the input
power supply.
Diode D1 in Figure 3 reduces the start delay while allowing
CSS to charge up slowly for the soft-start function. This
diode and CSS can be deleted if soft-start is not needed.
The RUN/SS pin has an internal 6V zener clamp (See
Functional Diagram).
Fault Conditions: Overcurrent Latchoff
The RUN/SS pin also provides the ability to shut off the
controller and latchoff when an overcurrent condition is
detected. The RUN/SS capacitor CSS is used initially to
turn on and limit the inrush current of the controller. After
the controller has been started and given adequate time to
charge up the output capacitor and provide full load
current, CSS is used as a short-circuit timer. If the output
voltage falls to less than 70% of its nominal output voltage
after CSS reaches 4.1V, the assumption is made that the
output is in a severe overcurrent and/or short-circuit
condition and CSS begins discharging. If the condition
lasts for a long enough period as determined by the size of
CSS, the controller will be shut down until the RUN/SS pin
voltage is recycled.
This built-in latchoff can be overridden by providing a
current > 5
µA at a compliance of 5V to the RUN/SS pin as
shown in Figure 4. This current shortens the soft-start
period but also prevents net discharge of the RUN/SS
capacitor during a severe overcurrent and/or short-circuit
condition. When deriving the 5
µA current from VIN as in
Figure 4a, current latchoff is always defeated. A diode
connecting this pull-up resistor to INTVCC , as in Figure 4b,
eliminates any extra supply current during controller shut-
down while eliminating the INTVCC loading from prevent-
ing controller start-up. If the voltage on CSS doesnotexceed
4.1V, the overcurrent latch is not armed and the function
is disabled.
Figure 3. RUN/SS Pin Interfacing
3.3V OR 5V
RUN/SS
D1
RUN/SS
(a)
(b)
CSS
CSS
1736 F03
3.3V OR 5V
RUN/SS
VIN
INTVCC
RUN/SS
D1
(a)
(b)
D1
CSS
RSS
CSS
RSS
1736 F04
Figure 4. RUN/SS Pin Interfacing with Latchoff Defeated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com