Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1736C Datasheet(PDF) 2 Page - Linear Technology

Part # LTC1736C
Description  5-Bit Adjustable High Efficiency Synchronous Step-Down Switching Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1736C Datasheet(HTML) 2 Page - Linear Technology

  LTC1736C Datasheet HTML 1Page - Linear Technology LTC1736C Datasheet HTML 2Page - Linear Technology LTC1736C Datasheet HTML 3Page - Linear Technology LTC1736C Datasheet HTML 4Page - Linear Technology LTC1736C Datasheet HTML 5Page - Linear Technology LTC1736C Datasheet HTML 6Page - Linear Technology LTC1736C Datasheet HTML 7Page - Linear Technology LTC1736C Datasheet HTML 8Page - Linear Technology LTC1736C Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
2
LTC1736
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
(Note 1)
Input Supply Voltage (VIN).........................36V to –0.3V
Topside Driver Supply Voltage (BOOST)....42V to – 0.3V
Switch Voltage (SW) ....................................36V to – 5V
EXTVCC, VIDVCC, (BOOST – SW) Voltages ..7V to –0.3V
SENSE+, SENSE–.......................... 1.1(INTVCC) to –0.3V
FCB Voltage ............................(INTVCC + 0.3V) to –0.3V
ITH, VOSENSE, VFB Voltage .........................2.7V to –0.3V
RUN/SS, VID0 to VID4, PGOOD Voltages ....7V to – 0.3V
Peak Driver Output Current <10
µs (TG, BG) .............. 3A
INTVCC Output Current ......................................... 50mA
Operating Ambient Temperature Range
LTC1736C ............................................... 0
°C to 85°C
LTC1736I ............................................ – 40
°C to 85°C
Junction Temperature (Note 2) ............................. 125
°C
Storage Temperature Range ................. – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300
°C
ORDER PART
NUMBER
Consult factory for Military grade parts.
TJMAX = 125°C, θJA = 110°C/W
1
2
3
4
5
6
7
8
9
10
11
12
TOP VIEW
G PACKAGE
24-LEAD PLASTIC SSOP
24
23
22
21
20
19
18
17
16
15
14
13
COSC
RUN/SS
ITH
FCB
SGND
PGOOD
SENSE –
SENSE +
VFB
VOSENSE
VID0
VID1
TG
BOOST
SW
VIN
INTVCC
BG
PGND
EXTVCC
VIDVCC
VID4
VID3
VID2
ELECTRICAL CHARACTERISTICS
LTC1736CG
LTC1736IG
The q denotes specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 15V, VRUN/SS = 5V unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Main Control Loop
VOSENSE
Output Voltage Set Accuracy
(Note 3) See Table 1
q
1%
∆VLINEREG
Reference Voltage Line Regulation
VIN = 3.6V to 30V (Note 3)
0.001
0.02
%/V
∆VLOADREG
Output Voltage Load Regulation
(Note 3)
Measured in Servo Loop; VITH = 0.7V
q
0.1
0.3
%
Measured in Servo Loop; VITH = 2V
q
– 0.1
– 0.3
%
gm
Transconductance Amplifier gm
1.3
mmho
VFCB
Forced Continuous Threshold
q
0.76
0.8
0.84
V
IFCB
Forced Continuous Current
VFCB = 0.85V
– 0.17
– 0.3
µA
VOVL
Feedback Overvoltage Lockout
q
0.84
0.86
0.88
V
IQ
Input DC Supply Current
(Note 4)
Normal Mode
450
µA
Shutdown
VRUN/SS = 0V
15
25
µA
VRUN/SS
Run Pin Start Threshold
VRUN/SS, Ramping Positive
1.0
1.5
1.9
V
VRUN/SS
Run Pin Begin Latchoff Threshold
VRUN/SS, Ramping Positive
4.1
4.5
V
IRUN/SS
Soft-Start Charge Current
VRUN/SS = 0V
– 0.7
– 1.2
µA
ISCL
RUN/SS Discharge Current
Soft Short Condition, VFB = 0.5V,
0.5
2
4
µA
VRUN/SS = 4.5V
UVLO
Undervoltage Lockout
Measured at VIN Pin (VIN Ramping Down)
q
3.5
3.9
V
∆VSENSE(MAX)
Maximum Current Sense Threshold
VFB = 0.7V
q
60
75
85
mV
ISENSE
SENSE Pins Total Source Current
VSENSE– = VSENSE+ = 0.8V
60
80
µA
tON(MIN)
Minimum On-Time
Tested with a Square Wave (Note 8)
160
200
ns
TG Transition Time:
(Note 9)
TG tr
Rise Time
CLOAD = 3300pF
50
90
ns
TG tf
Fall Time
CLOAD = 3300pF
50
90
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com