Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1772 Datasheet(PDF) 16 Page - Linear Technology

Part # LTC1772
Description  Constant Frequency Current Mode Step-Down DC/DC Controller in SOT-23
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1772 Datasheet(HTML) 16 Page - Linear Technology

Back Button LTC1772 Datasheet HTML 8Page - Linear Technology LTC1772 Datasheet HTML 9Page - Linear Technology LTC1772 Datasheet HTML 10Page - Linear Technology LTC1772 Datasheet HTML 11Page - Linear Technology LTC1772 Datasheet HTML 12Page - Linear Technology LTC1772 Datasheet HTML 13Page - Linear Technology LTC1772 Datasheet HTML 14Page - Linear Technology LTC1772 Datasheet HTML 15Page - Linear Technology LTC1772 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
16
LTC1772
1772is, sn1772 LT/TP 0999 4K • PRINTED IN USA
RELATED PARTS
PART NUMBER
DESCRIPTION
COMMENTS
LTC1147 Series
High Efficiency Step-Down Switching Regulator Controllers
100% Duty Cycle, 3.5V
≤ VIN ≤ 16V
LT1375/LT1376
1.5A, 500kHz Step-Down Switching Regulators
High Frequency, Small Inductor, High Efficiency
LTC1436/LTC1436-PLL High Efficiency, Low Noise, Synchronous Step-Down Converters
24-Pin Narrow SSOP, 3.5V
≤ VIN ≤ 36V
LTC1438/LTC1439
Dual, Low Noise, Synchronous Step-Down Converters
Multiple Output Capability, 3.5V
≤ VIN ≤ 36V
LTC1622
Low Input Voltage Current Mode Step-Down DC/DC Controller
VIN 2V to 10V, IOUT Up to 4.5A,
Burst Mode Operation Optional, 8-Lead MSOP
LTC1624
High Efficiency SO-8 N-Channel Switching Regulator Controller
8-Pin N-Channel Drive, 3.5V
≤ VIN ≤ 36V
LTC1625
No RSENSE
TM Synchronous Step-Down Regulator
High Efficiency, No Sense Resistor
LTC1626
Low Voltage, High Efficiency Step-Down DC/DC Converter
Monolithic, Constant Off-Time, Low Voltage Range:
2.5V to 6V
LTC1627
Low Voltage, Monolithic Synchronous Step-Down Regulator
Low Supply Voltage Range: 2.65V to 8V, IOUT = 0.5A
LTC1735
Single, High Efficiency, Low Noise Synchronous Switching Controller
High Efficiency 5V to 3.3V Conversion at up to 15A
No RSENSE is a trademark of Linear Technology Corporation.
©LINEAR TECHNOLOGY CORPORATION 1999
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408)432-1900 q FAX:(408)434-0507 q www.linear-tech.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com