Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1772 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC1772
Description  Constant Frequency Current Mode Step-Down DC/DC Controller in SOT-23
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1772 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC1772 Datasheet HTML 2Page - Linear Technology LTC1772 Datasheet HTML 3Page - Linear Technology LTC1772 Datasheet HTML 4Page - Linear Technology LTC1772 Datasheet HTML 5Page - Linear Technology LTC1772 Datasheet HTML 6Page - Linear Technology LTC1772 Datasheet HTML 7Page - Linear Technology LTC1772 Datasheet HTML 8Page - Linear Technology LTC1772 Datasheet HTML 9Page - Linear Technology LTC1772 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
LTC1772
APPLICATIONS INFORMATION
The basic LTC1772 application circuit is shown in Figure
1. External component selection is driven by the load
requirement and begins with the selection of L1 and
RSENSE (= R1). Next, the power MOSFET and the output
diode D1 is selected followed by CIN (= C1)and COUT(= C2).
RSENSE Selection for Output Current
RSENSE is chosen based on the required output current.
With the current comparator monitoring the voltage devel-
oped across RSENSE, the threshold of the comparator
determines the inductor’s peak current. The output cur-
rent the LTC1772 can provide is given by:
I
R
I
OUT
SENSE
RIPPLE
=−
01
2
.
where IRIPPLE is the inductor peak-to-peak ripple current
(see Inductor Value Calculation section).
A reasonable starting point for setting ripple current is
IRIPPLE = (0.4)(IOUT). Rearranging the above equation, it
becomes:
R
I
SENSE
OUT
= ()( )
1
12
for Duty Cycle < 40%
However, for operation that is above 40% duty cycle, slope
compensation effect has to be taken into consideration to
select the appropriate value to provide the required amount
of current. Using Figure 2, the value of RSENSE is:
R
SF
I
SENSE
OUT
= ()( )( )
12
100
Inductor Value Calculation
The operating frequency and inductor selection are inter-
related in that higher operating frequencies permit the use
of a smaller inductor for the same amount of inductor
ripple current. However, this is at the expense of efficiency
due to an increase in MOSFET gate charge losses.
The inductance value also has a direct effect on ripple
current. The ripple current, IRIPPLE, decreases with higher
inductance or frequency and increases with higher VIN or
VOUT. The inductor’s peak-to-peak ripple current is given
by:
I
VV
fL
VV
VV
RIPPLE
IN
OUT
OUT
D
IN
D
=
−
()
+
+


where f is the operating frequency. Accepting larger values
of IRIPPLE allows the use of low inductances, but results in
higher output voltage ripple and greater core losses. A
reasonable starting point for setting ripple current is
IRIPPLE = 0.4(IOUT(MAX)). Remember, the maximum IRIPPLE
occurs at the maximum input voltage.
In Burst Mode operation on the LTC1772, the ripple
current is normally set such that the inductor current is
continuous during the burst periods. Therefore, the peak-
to-peak ripple current must not exceed:
I
R
RIPPLE
SENSE
≤
0 0288
.
This implies a minimum inductance of:
L
VV
f
R
VV
VV
MIN
IN
OUT
SENSE
OUT
D
IN
D
=
−


+
+


0 0288
.
(Use VIN(MAX) = VIN)
A smaller value than LMIN could be used in the circuit;
however, the inductor current will not be continuous
during burst periods.
Inductor Core Selection
Once the value for L is known, the type of inductor must be
selected. High efficiency converters generally cannot
afford the core loss found in low cost powdered iron cores,
forcing the use of more expensive ferrite, molypermalloy



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com