Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD77112 Datasheet(PDF) 1 Page - NEC

Part # UPD77112
Description  16-BIT FIXED-POINT DIGITAL SIGNAL PROCESSORS
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD77112 Datasheet(HTML) 1 Page - NEC

  UPD77112 Datasheet HTML 1Page - NEC UPD77112 Datasheet HTML 2Page - NEC UPD77112 Datasheet HTML 3Page - NEC UPD77112 Datasheet HTML 4Page - NEC UPD77112 Datasheet HTML 5Page - NEC UPD77112 Datasheet HTML 6Page - NEC UPD77112 Datasheet HTML 7Page - NEC UPD77112 Datasheet HTML 8Page - NEC UPD77112 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 80 page
background image
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all devices/types available in every country. Please check with local NEC representative for
availability and additional information.
MOS INTEGRATED CIRCUIT
µµµµPD77110, 77111, 77112
16-BIT FIXED-POINT DIGITAL SIGNAL PROCESSORS
Document No. U12801EJ4V0DS00 (4th edition)
Date Published November 1999 N CP(K)
Printed in Japan
DATA SHEET
The mark
shows major revised points.
1998, 1999
©
DESCRIPTION
The
µPD77110, 77111, and 77112 are 16-bit fixed-point digital signal processors (DSPs).
Compared with the
µPD77016 family, these DSPs have improved power consumption and are ideal for battery-
powered mobile terminals such as PDAs and cellular phones.
Both mask ROM and RAM models are available.
For details of the functions of these DSPs, refer to the following User’s Manuals:
µPD77111 Family User’s Manual
: To be available soon
µPD7701X Family User’s Manual - Instructions: U13116E
FEATURES
z Instruction cycle (operating clock)
µPD77110 : 15.3 ns MIN (65 MHz MAX)
13.3 ns MIN (75 MHz MAX) (Operating voltage and ambient temperature are limited.)
µPD77111 : 13.3 ns MIN (75 MHz MAX)
µPD77112 : 13.3 ns MIN (75 MHz MAX)
z Memory
• Internal instruction memory
µPD77110 : RAM 35.5K words × 32 bits
µPD77111 : RAM 1K words × 32 bits
Mask ROM 31.75K words
× 32 bits
µPD77112 : RAM 1K words × 32 bits
Mask ROM 31.75K words
× 32 bits
• Data memory
µPD77110 : RAM 24K words × 16 bits × 2 banks
External memory space 32K words
× 16 bits × 2 banks
µPD77111 : RAM 3K words × 16 bits × 2 banks
Mask ROM 16K words
× 16 bits × 2 banks
µPD77112 : RAM 3K words × 16 bits × 2 banks
Mask ROM 16K words
× 16 bits × 2 banks
External memory space 16K words
× 16 bits × 2 banks


Similar Part No. - UPD77112

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD77112GC-XXX-9EU RENESAS-UPD77112GC-XXX-9EU Datasheet
598Kb / 82P
MOS INTEGRATED CIRCUIT
1999
More results

Similar Description - UPD77112

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C6202 TI-TMS320C6202 Datasheet
1Mb / 86P
FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320VC5407 TI-TMS320VC5407 Datasheet
1Mb / 110P
Fixed-Point Digital Signal Processors
TMS320C6211B TI-TMS320C6211B Datasheet
1Mb / 83P
FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6414 TI-TMS320C6414_04 Datasheet
1Mb / 139P
FIXED-POINT DIGITAL SIGNAL PROCESSORS
SM320C6414-EP TI1-SM320C6414-EP Datasheet
1,019Kb / 93P
FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6416TBGLZA8 TI-TMS320C6416TBGLZA8 Datasheet
2Mb / 148P
FIXED-POINT DIGITAL SIGNAL PROCESSORS
SMJ320C6414 TI1-SMJ320C6414_16 Datasheet
1Mb / 134P
FIXED-POINT DIGITAL SIGNAL PROCESSORS
SM320C6414-EP TI1-SM320C6414-EP_16 Datasheet
1,010Kb / 93P
FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6202 TI1-TMS320C6202_16 Datasheet
2Mb / 110P
FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C54X TI1-TMS320C54X_16 Datasheet
1Mb / 118P
FIXED-POINT DIGITAL SIGNAL PROCESSORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com