Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD77112 Datasheet(PDF) 13 Page - NEC

Part # UPD77112
Description  16-BIT FIXED-POINT DIGITAL SIGNAL PROCESSORS
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD77112 Datasheet(HTML) 13 Page - NEC

Back Button UPD77112 Datasheet HTML 9Page - NEC UPD77112 Datasheet HTML 10Page - NEC UPD77112 Datasheet HTML 11Page - NEC UPD77112 Datasheet HTML 12Page - NEC UPD77112 Datasheet HTML 13Page - NEC UPD77112 Datasheet HTML 14Page - NEC UPD77112 Datasheet HTML 15Page - NEC UPD77112 Datasheet HTML 16Page - NEC UPD77112 Datasheet HTML 17Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 80 page
background image
Data Sheet U12801EJ4V0DS00
13
µµµµPD77110, 77111, 77112
1. PIN FUNCTION
Because the pin numbers differ depending on the package, refer to the diagram of the package to be used.
1.1 Pin Function Description
• Power supply
Pin No.
Pin Name
100-pin
TQFP
80-pin
TQFP
80-pin
FBGA
I/O
Function
Shared by:
IVDD
35, 77, 85
31, 63, 71
A5, A7, J5
−
Power to DSP core (+2.5 V)
−
EVDD
25, 50,
64, 75,
100
10, 20,
40, 50,
60, 80
A1, A9,
E1, E9,
J1, J9
−
Power to I/O pins (+3 V)
−
GND
1, 26, 36,
51, 65,
76, 78, 86
1, 11, 21,
32, 41,
51, 61,
64, 72
A8, B2,
B5, B7,
E2, E8,
H5, H8,
J2
−
Ground
−
• System control
Pin No.
Pin Name
100-pin
TQFP
80-pin
TQFP
80-pin
FBGA
I/O
Function
Shared by:
CLKIN
74
62
C7
Input
System clock input
−
CLKOUT
73
59
B8
Output
Internal system clock output
−
RESET
87
73
C4
Input
Internal system reset signal input
PLL0
53
−−
Input
P2
PLL1
52
−−
Input
P3
PLL2
49
−−
Input
PLL multiple setting input (
µPD77110 only)
•
Determines the PLL multiple at reset as
followings:
PLL2: PLL1: PLL0:
000 : Selects PLL multiple of
×1.
001 : Selects PLL multiple of
×2.
010 : Selects PLL multiple of
×3.
:
111 : Selects PLL multiple of
×8.
•
These pins have no function on the
µPD77111 and 77112 .
−
WAKEUP
88
74
A4
Input
Stop mode release signal input.
•
When this pin is asserted active, the stop
mode is released. The function of this pin
can be activated or deactivated by a mask
option.
•
This pin is always valid on the
µPD77110 .
INT4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com