Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B3L30LP Datasheet(PDF) 2 Page - Diodes Incorporated

Part # B3L30LP
Description  3A SCHOTTKY BARRIER RECTIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

B3L30LP Datasheet(HTML) 2 Page - Diodes Incorporated

  B3L30LP_15 Datasheet HTML 1Page - Diodes Incorporated B3L30LP_15 Datasheet HTML 2Page - Diodes Incorporated B3L30LP_15 Datasheet HTML 3Page - Diodes Incorporated B3L30LP_15 Datasheet HTML 4Page - Diodes Incorporated B3L30LP_15 Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
B3L30LP
Document number: DS30915 Rev. 11 - 2
2 of 5
www.diodes.com
March 2014
© Diodes Incorporated
B3L30LP
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitance load, derate current by 20%.
Characteristic
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
30
V
RMS Reverse Voltage
VR(RMS)
21
V
Average Rectified Output Current
IO
3.0
A
Non-Repetitive Peak Forward Surge Current
8.3ms Single half sine-wave Superimposed on Rated Load
IFSM
30
A
Thermal Characteristics
Characteristic
Symbol
Typ
Max
Unit
Thermal Resistance Junction to Soldering Point
RθJS
⎯
3
°C/W
Thermal Resistance Junction to Ambient Air
(Note 5)
RθJA
130
⎯
°C/W
Power Dissipation
(Note 6)
(Note 7)
(Note 8)
PD
⎯
⎯
⎯
2.5
4.0
4.5
W
Operating and Storage Temperature Range
TJ, TSTG
-65 to +150
°C
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Reverse Breakdown Voltage (Note 9)
V(BR)R
30
⎯
⎯
V
IR = 5.0mA
Forward Voltage
VF
⎯
0.28
⎯
V
IF = 0.5A, TJ = +25°C
⎯
0.30
0.35
IF = 1.0A, TJ = +25°C
⎯
0.18
0.29
IF = 1.0A, TJ = +125°C
⎯
0.33
0.40
IF = 2.0A, TJ = +25°C
⎯
0.22
0.37
IF = 2.0A, TJ = +125°C
⎯
0.35
0.45
IF = 3.0A, TJ = +25°C
⎯
0.26
0.42
IF = 3.0A, TJ = +125°C
Reverse Current (Note 9)
IR
⎯
0.27
1.0
mA
TJ = +25°C, VR = 30V
⎯
55
90
mA
TJ = +100°C, VR = 30V
Notes:
5. FR-4 PCB, 2 oz. Copper, minimum recommended pad layout per http://www.diodes.com. TA = +25°C.
6. Device mounted on FR-4 PCB, 25mm
2 pad area.
7. Device mounted on FR-4 PCB, 75mm
2 pad area.
8. Aluminum PCB with copper mounting pad area of 75mm
2.
9. Short duration pulse test used to minimize self-heating effect.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com