Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B3L30LP Datasheet(PDF) 4 Page - Diodes Incorporated

Part # B3L30LP
Description  3A SCHOTTKY BARRIER RECTIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

B3L30LP Datasheet(HTML) 4 Page - Diodes Incorporated

  B3L30LP_15 Datasheet HTML 1Page - Diodes Incorporated B3L30LP_15 Datasheet HTML 2Page - Diodes Incorporated B3L30LP_15 Datasheet HTML 3Page - Diodes Incorporated B3L30LP_15 Datasheet HTML 4Page - Diodes Incorporated B3L30LP_15 Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
B3L30LP
Document number: DS30915 Rev. 11 - 2
4 of 5
www.diodes.com
March 2014
© Diodes Incorporated
B3L30LP
Package Outline Dimensions
Please see AP02002 at http://www.diodes.com/datasheets/ap02002.pdf for latest version.
Suggested Pad Layout
Please see AP02001 at http://www.diodes.com/datasheets/ap02001.pdf for the latest version.
U-DFN3030-8
Dim
Min
Max
Typ
A
0.57
0.63
0.60
A1
0
0.05
0.02
A3
-
-
0.15
b
0.29
0.39
0.34
D
2.90
3.10
3.00
D2
2.19
2.39
2.29
e
-
-
0.65
E
2.90
3.10
3.00
E2
1.64
1.84
1.74
L
0.30
0.60
0.45
All Dimensions in mm
Dimensions Value (in mm)
Z
2.59
G
0.11
X1
2.49
X2
0.65
Y
0.39
C
0.65
D
D 2
E
e
b
L
E 2
A
A 1
A 3
P i n # 1 I D
S e a t i n g P l a n e
R 0.2
00
Z
G
X1
X2
YC



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com