Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RH1013M Datasheet(PDF) 1 Page - Linear Technology

Part # RH1013M
Description  Dual Precision Operational Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

RH1013M Datasheet(HTML) 1 Page - Linear Technology

  RH1013M Datasheet HTML 1Page - Linear Technology RH1013M Datasheet HTML 2Page - Linear Technology RH1013M Datasheet HTML 3Page - Linear Technology RH1013M Datasheet HTML 4Page - Linear Technology RH1013M Datasheet HTML 5Page - Linear Technology RH1013M Datasheet HTML 6Page - Linear Technology RH1013M Datasheet HTML 7Page - Linear Technology RH1013M Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
RH1013M
Dual Precision
Operational Amplifier
A
G
A
U
A
R
BSOLUTEXI
TI
S
The RH1013M is the first precision dual operational ampli-
fier which directly upgrades designs in the industry stan-
dard 8-pin DIP LM158/MC1558/OP-221 pin configura-
tion. Low offset voltage (300µV max), low drift ( 2.5µV/
°C), low offset current ( 1.5nA), and high gain (1.2 million
min) combine to make the RH1013M two truly precision
amplifers in one package.
The wafer lots are processed to Linear Technology’s in-
house Class S flow to yield circuits usable in stringent
military applications.
DESCRIPTIO
Supply Voltage ..................................................... ± 22V
Differential Input Voltage ...................................... ±30V
Input Voltage .............. Equal to Positive Supply Voltage
................................. 5V Below Negative Supply Voltage
Output Short-Circuit Duration ......................... Indefinite
Operating Temperature Range .............. – 55°C to 125°C
Storage Temperature Range ................. – 65°C to 150°C
Lead Temperature (Soldering, 10 sec) .................. 300°C
, LTC and LT are registered trademarks of Linear Technology Corporation.
BUR -I CIRCUIT
TOTAL DOSE BIAS CIRCUIT
15V
–15V
10k
8V
RH1013M TDBC
+
–
10k
RH1013M
20V
–20V
50k
100
Ω
50k
RH1013M BI
PACKAGE/ORDER I FOR ATIO
TOP VIEW
W PACKAGE
10-LEAD FLATPAK METAL SEALED
BOTTOM BRAZED
1
5
4
3
2
10
6
7
8
9
OUT A
–IN A
+IN A
NC
V–
V+
OUT B
–IN B
+IN B
NC
1
2
3
4
8
7
6
5
TOP VIEW
OUT A
–IN A
+IN A
V–
V+
OUT B
–IN B
+IN B
J8 PACKAGE
8-LEAD CERAMIC DIP
TOP VIEW
OUT B
V+
OUT A
–IN A
+IN A
V– (CASE)
8
7
6
5
3
2
1
4
H PACKAGE
8-LEAD TO-5 METAL CAN
+IN B
–IN B


Similar Part No. - RH1013M

ManufacturerPart #DatasheetDescription
logo
Analog Devices
RH1013M AD-RH1013M Datasheet
688Kb / 7P
Dual Precision Operational Amplifier
Rev. H
logo
Linear Technology
RH1013M LINER-RH1013M_15 Datasheet
119Kb / 6P
Dual Precision Operational Amplifier
More results

Similar Description - RH1013M

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMC6082 NSC-LMC6082 Datasheet
322Kb / 12P
Precision CMOS Dual Operational Amplifier
logo
Analog Devices
OP-285 AD-OP-285 Datasheet
577Kb / 16P
DUAL, 9MHz PRECISION OPERATIONAL AMPLIFIER
logo
Linear Technology
LT1002 LINER-LT1002 Datasheet
344Kb / 16P
Dual, Matched Precision Operational Amplifier
logo
Burr-Brown (TI)
OPA2107 BURR-BROWN-OPA2107 Datasheet
685Kb / 11P
Precision Dual Difet Operational Amplifier
logo
STMicroelectronics
TS512 STMICROELECTRONICS-TS512_08 Datasheet
216Kb / 16P
Precision dual operational amplifier
05-May-2008
logo
New Japan Radio
NJM2739 NJRC-NJM2739 Datasheet
1Mb / 17P
Dual Precision Operational Amplifier
logo
Linear Technology
LT1002 LINER-LT1002_15 Datasheet
189Kb / 16P
Dual, Matched Precision Operational Amplifier
RH1013M LINER-RH1013M_15 Datasheet
119Kb / 6P
Dual Precision Operational Amplifier
logo
Texas Instruments
LT1013 TI1-LT1013 Datasheet
114Kb / 6P
Dual Precision Operational Amplifier
LT1013 TI1-LT1013_16 Datasheet
1Mb / 36P
Dual Precision Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com