Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RH1013M Datasheet(PDF) 4 Page - Linear Technology

Part # RH1013M
Description  Dual Precision Operational Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

RH1013M Datasheet(HTML) 4 Page - Linear Technology

  RH1013M Datasheet HTML 1Page - Linear Technology RH1013M Datasheet HTML 2Page - Linear Technology RH1013M Datasheet HTML 3Page - Linear Technology RH1013M Datasheet HTML 4Page - Linear Technology RH1013M Datasheet HTML 5Page - Linear Technology RH1013M Datasheet HTML 6Page - Linear Technology RH1013M Datasheet HTML 7Page - Linear Technology RH1013M Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
RH1013M
CC
HARA TERISTICS
A
TYPICALPERFOR
CE
TOTAL DOSE KRAD (Si)
1
0.8
0.6
0.4
0.2
0
10
100
1000
RH1013M G01
VS = ±15V
RL = 10k
Supply Current (Per Amplifier)
Negative Slew Rate
Positive Slew Rate
TOTAL DOSE KRAD (Si)
1
0.8
0.6
0.4
0.2
0
10
100
1000
RH1013M G03
VS = ±15V
RL = 10k
TOTAL DOSE KRAD (Si)
1
0.8
0.6
0.4
0.2
0
10
100
1000
RH1013M G02
VS = ±15V
RL = 10k
TOTAL DOSE KRAD (Si)
1
150
140
130
120
110
100
90
80
10
100
1000
RH1013M G07
VS = ±15V
RL = 10k
VOUT = ±10V
Open-Loop Gain
TOTAL DOSE KRAD (Si)
1
3
2
1
0
–1
–2
10
100
1000
RH1013M G06
VS = ±15V
VCM = 0V
Input Offset Current
TOTAL DOSE KRAD (Si)
1
70
60
50
40
30
20
10
0
10
100
1000
RH1013M G05
VS = ±15V
VCM = 0V
Input Bias Current
TOTAL DOSE KRAD (Si)
1
300
200
100
0
–100
–200
–300
10
100
1000
RH1013M G04
VS = ±15V
VCM = 0V
Input Offset Voltage



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com