Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LED21 Datasheet(PDF) 1 Page - Roithner LaserTechnik GmbH

Part # LED21
Description  mid-ir led
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

LED21 Datasheet(HTML) 1 Page - Roithner LaserTechnik GmbH

  LED21 Datasheet HTML 1Page - Roithner LaserTechnik GmbH LED21 Datasheet HTML 2Page - Roithner LaserTechnik GmbH LED21 Datasheet HTML 3Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
www.roithner-laser.com
1
Z
LED21
Description
LED21 series are fabricated from narrow band-gap GaInAsSb/AlGaAsSb heterostructures lattice matched to
GaSb substrate. This Mid-IR LED provides a typical peak wavelength of 2.15 µm and optical power of
typ. 1 mW qCW. It comes in TO-18 package a with a glass window.
Electro-Optical Characteristics (T
CASE = 25°C)
Parameter
Symbol
Conditions
Values
Unit
Min.
Typ.
Max.
Peak Wavelength *
1
λP
IF=150mA qCW
2.10
2.15
2.19
µm
Half Width (FWHM)
∆λ
IF=150mA qCW
150
200
250
nm
Optical Output Power, qCW
PO
IF=200mA qCW
0.8
1.0
1.2
mW
Optical Output Power, pulsed
PO
IF=1A, f=1kHz,
duty cycle 0.1%
15
25
30
mW
Operating Voltage
VOP
IF=200mA qCW
0.5
-
1.0
V
Switching Time
VF
10
20
30
ns
Operating Temperature
TCASE
-200
-
+50
°C
Soldering Temperature
TSOLD
180
°C
Operating Regime
LED Basic Circuit Connection
Suitable Drivers And Evaluation Boards
•
D-31M
•
D-41
•
D-51
•
mD-1c
•
mD-1p
We recommend to use Quasi Continuous Wave (qCW) mode with duty cycle 50% or 25% to obtain
maximum average optical power, and short Pulse mode to obtain maximum peak power.
CW (continuous wave) mode is NOT recommended!
Quasi Continuous Wave (qCW) mode
Pulse Mode
v 1.0 12.02.2014


Similar Part No. - LED21

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
LED21 ROITHNER-LED21 Datasheet
93Kb / 2P
Mid-Infrared Light Emitting Diodes and Photodiodes
LED21-PR ROITHNER-LED21-PR Datasheet
439Kb / 2P
Mid-Infrared Light Emitting Diode
LED21-PR-WIN ROITHNER-LED21-PR-WIN Datasheet
441Kb / 2P
Mid-Infrared Light Emitting Diode
LED21-SMD3 ROITHNER-LED21-SMD3 Datasheet
199Kb / 2P
Mid-Infrared Light Emitting Diode
LED21-SMD5 ROITHNER-LED21-SMD5 Datasheet
681Kb / 3P
MID-IR LED
More results

Similar Description - LED21

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
LED19-PR ROITHNER-LED19-PR Datasheet
554Kb / 3P
mid-ir led
LED23 ROITHNER-LED23 Datasheet
722Kb / 4P
mid-ir led
LED23FC-SMD5 ROITHNER-LED23FC-SMD5 Datasheet
531Kb / 3P
mid-ir led
LED38 ROITHNER-LED38 Datasheet
560Kb / 4P
mid-ir led
LED43 ROITHNER-LED43 Datasheet
594Kb / 3P
mid-ir led
LED20-SMD5 ROITHNER-LED20-SMD5 Datasheet
683Kb / 3P
MID-IR LED
LED21-SMD5 ROITHNER-LED21-SMD5 Datasheet
681Kb / 3P
MID-IR LED
LED22-SMD5 ROITHNER-LED22-SMD5 Datasheet
685Kb / 3P
MID-IR LED
LED23-SMD5 ROITHNER-LED23-SMD5 Datasheet
694Kb / 3P
MID-IR LED
LED34 ROITHNER-LED34 Datasheet
1Mb / 6P
Mid-IR LED Series
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com