Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LED21 Datasheet(PDF) 2 Page - Roithner LaserTechnik GmbH

Part # LED21
Description  mid-ir led
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

LED21 Datasheet(HTML) 2 Page - Roithner LaserTechnik GmbH

  LED21 Datasheet HTML 1Page - Roithner LaserTechnik GmbH LED21 Datasheet HTML 2Page - Roithner LaserTechnik GmbH LED21 Datasheet HTML 3Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.roithner-laser.com
2
Performance Characteristics
Spectra At Different Currents
(qCW, TCASE=25°C)
Spectra At Different Temperatures
(qCW, IF=150mA)
Output Power vs. Operating Current
(qCW, TCASE=25°C)
Forward Current vs. Forward Voltage
(TCASE=25°C)
Beam Divergence



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com