Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LF48908 Datasheet(PDF) 6 Page - LOGIC Devices Incorporated

Part # LF48908
Description  Two Dimensional Convolver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LODEV [LOGIC Devices Incorporated]
Direct Link  http://www.logicdevices.com
Logo LODEV - LOGIC Devices Incorporated

LF48908 Datasheet(HTML) 6 Page - LOGIC Devices Incorporated

Back Button LF48908 Datasheet HTML 2Page - LOGIC Devices Incorporated LF48908 Datasheet HTML 3Page - LOGIC Devices Incorporated LF48908 Datasheet HTML 4Page - LOGIC Devices Incorporated LF48908 Datasheet HTML 5Page - LOGIC Devices Incorporated LF48908 Datasheet HTML 6Page - LOGIC Devices Incorporated LF48908 Datasheet HTML 7Page - LOGIC Devices Incorporated LF48908 Datasheet HTML 8Page - LOGIC Devices Incorporated LF48908 Datasheet HTML 9Page - LOGIC Devices Incorporated LF48908 Datasheet HTML 10Page - LOGIC Devices Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
DEVICES INCORPORATED
LF48908
Two Dimensional Convolver
6
Video Imaging Products
08/9/2000–LDS.48908-J
loaded is determined by the data on
A2-0 during the load operation. If
CREG0 is to be loaded, “010” must be
placed on A2-0 during the load opera-
tion. If CREG1 is to be loaded, “011”
must be placed on A2-0. If desired, the
Coefficient Register that is not being
used to send data to the multiplier
array can be loaded with coefficient
data while the LF48908 is in active
operation.
Address Decoder
The Address Decoder is used to load
the Control Logic Registers and to
determine which Coefficient Register
sends data to the multiplier array. To
load a Control Logic Register, the
address of the register must be placed
on A2-0, the data to be written must be
placed on the CIN bus, and CS and
LD must be asserted. The data is
TABLE 2.
ALU LOGICAL AND ARITHMETIC OPERATIONS
TABLE 1.
ALU SHIFT OPERATIONS
ALU MICROCODE REGISTER
REGISTER BIT
9
8
7
OPERATION
0
0
0
No Shift (Default)
0
0
1
Shift Right 1
0
1
0
Shift Right 2
0
1
1
Shift Right 3
1
0
0
Shift Left 1
1
0
1
Shift Left 2
1
1
0
Shift Left 3
1
1
1
Not Valid
Register can hold nine 8-bit values.
This allows two different 3 x 3 filter
kernels to be stored simultaneously on
the LF48908. The outputs of CREG0
and CREG1 are connected to the
coefficient inputs of the multiplier
array (A through I). The register used
to supply the coefficient data is
determined by the address written to
the Address Decoder. If a “101” is
written to the Address Decoder,
CREG0 will provide the coefficient
data. If a “110” is written to the
Address Decoder, CREG1 will be used.
It is possible to switch between the
two Coefficient Registers in real time.
This facilitates adaptive filtering
operations. It is important to remem-
ber to meet the tLCS timing specifica-
tion when switching the Coefficient
Registers. When a Coefficient Register
is selected to supply data to the
multiplier array (one of the registers is
always selected), all of its outputs are
enabled simultaneously. When RESET
is asserted, CREG0 is the default
register selected to supply the coeffi-
cient data.
CREG0 and CREG1 are loaded
through CIN7-0 using the A2-0, CS, and
LD controls. The nine coefficient
values are presented on CIN7-0 one by
one, in order from A to I. As each
value is placed on CIN7-0, it is latched
into the selected Coefficient Register
using CS and LD. The register to be
latched into the addressed register
when LD goes HIGH. To select a
Coefficient Register (CREG0 or
CREG1) to send data to the multiplier
array, the appropriate address must be
placed on A2-0, and CS and LD must
be asserted. When LD goes HIGH, the
addressed register will begin supply-
ing coefficient data to the multiplier
array. Table 4 lists all of the register
addresses.
The Control Logic Registers can be
modified during active operation of
the LF48908. If this is done, it is very
important to meet the tLCS timing
specification. This is to ensure that the
outputs of the Control Logic Registers
have enough time to change before the
next rising edge of CLK. If tLCS is not
met, unexpected results may occur on
DOUT19-0 for one clock cycle. There
are two situations in which tLCS may
ALU MICROCODE REGISTER
REGISTER BIT
6
5
4
3
2
1
0
OPERATION
0
0
0
0
0
0
0
Logical (00000000)
1
1
1
1
0
0
0
Logical (11111111)
0
0
1
1
0
0
0
Logical (A) (Default)
0
1
0
1
0
0
0
Logical (B)
1
1
0
0
0
0
0
Logical (A)
1
0
1
0
0
0
0
Logical (B)
0
1
1
0
0
0
1
Arithmetic (A + B)
1
0
0
1
0
1
0
Arithmetic (A – B)
1
0
0
1
1
0
0
Arithmetic (B – A)
0
0
0
1
0
0
0
Logical (A AND B)
0
0
1
0
0
0
0
Logical (A AND B)
0
1
0
0
0
0
0
Logical (A AND B)
0
1
1
1
0
0
0
Logical (A OR B)
1
0
1
1
0
0
0
Logical (A OR B)
1
1
0
1
0
0
0
Logical (A OR B)
1
1
1
0
0
0
0
Logical (A NAND B)
1
0
0
0
0
0
0
Logical (A NOR B)
0
1
1
0
0
0
0
Logical (A XOR B)
1
0
0
1
0
0
0
Logical (A XNOR B)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com