Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LF48908 Datasheet(PDF) 7 Page - LOGIC Devices Incorporated

Part # LF48908
Description  Two Dimensional Convolver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LODEV [LOGIC Devices Incorporated]
Direct Link  http://www.logicdevices.com
Logo LODEV - LOGIC Devices Incorporated

LF48908 Datasheet(HTML) 7 Page - LOGIC Devices Incorporated

Back Button LF48908 Datasheet HTML 3Page - LOGIC Devices Incorporated LF48908 Datasheet HTML 4Page - LOGIC Devices Incorporated LF48908 Datasheet HTML 5Page - LOGIC Devices Incorporated LF48908 Datasheet HTML 6Page - LOGIC Devices Incorporated LF48908 Datasheet HTML 7Page - LOGIC Devices Incorporated LF48908 Datasheet HTML 8Page - LOGIC Devices Incorporated LF48908 Datasheet HTML 9Page - LOGIC Devices Incorporated LF48908 Datasheet HTML 10Page - LOGIC Devices Incorporated LF48908 Datasheet HTML 11Page - LOGIC Devices Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
DEVICES INCORPORATED
7
LF48908
Two Dimensional Convolver
1
2
3
4
5
6
7
8
9
10
11
08/9/2000–LDS.48908-J
Video Imaging Products
be ignored. If the LF48908 is not in
active operation or if the innactive
Coefficient Register is being written to
during active operation.
Cascade Operation
The Cascade Input lines (CASI15-0)
and Cascade Output lines (CASO7-0)
are used to allow convolutions of
kernel sizes larger than 3 x 3. The
Cascade Input lines are also used to
allow convolutions on row lengths
longer than 1024 pixels. The Cascade
Mode Bit (Bit 0) of the Initialization
Register determines the function of
the Cascade Input lines. If the Cas-
cade Mode Bit is a “0”, then the
Cascade Input lines are to be used to
cascade multiple LF48908s together to
perform convolutions of larger kernel
sizes. CASI15-0 will be left shifted (by
an amount determined by bits 7 and 8
of the Initialization Register) and then
added to DOUT19-0. Cascading is
accomplished by connecting CASO7-0
and DOUT19-0 of one LF48908 to
DIN7-0 and CASI15-0 respectively of
another LF48908. If the Cascade
Mode Bit is a “1”, then the Cascade
Input lines are to be used with exter-
nal row buffers to allow for longer
row lengths. In this mode, the Cas-
cade Input lines are split into two 8-bit
data busses (CASI15-8 and CASI7-0)
which are fed directly into the multi-
plier array.
TABLE 3.
INITIALIZATION REGISTER
BIT
FUNCTION
0
CASCADE MODE
0
Multiplier input from internal row buffers
1
Multiplier input from external buffers
2
1
INPUT DATA DELAY
0
0
No data delay registers used
0
1
One data delay register used
1
0
Two data delay registers used
1
1
Three data delay registers used
3
INPUT DATA FORMAT
0
Unsigned integer format
1
Two’s complement format
4
COEFFICIENT DATA FORMAT
0
Unsigned integer format
1
Two’s complement format
6
5
OUTPUT ROUNDING
0
0
No rounding
0
1
Round to 16 bits (i.e. DOUT19-4)
1
0
Round to 8 bits (i.e. DOUT19-12)
1
1
Not valid
8
7
CASI15-0 INPUT SHIFT
0
0
No shift
0
1
Shift CASI15-0 left two
1
0
Shift CASI15-0 left four
1
1
Shift CASI15-0 left eight
A2-0
FUNCTION
000
Load Row Buffer Length
Register
001
Load ALU Microcode Register
010
Load Coefficient Register 0
011
Load Coefficient Register 1
100
Load Initialization Register
101
Select Coefficient Register 0
for Internal Processing
110
Select Coefficient Register 1
for Internal Processing
111
No Operation
TABLE 4.
CONTROL LOGIC
ADDRESS MAP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com