Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBT2222ALP4 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # MMBT2222ALP4
Description  40V NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

MMBT2222ALP4 Datasheet(HTML) 5 Page - Diodes Incorporated

  MMBT2222ALP4 Datasheet HTML 1Page - Diodes Incorporated MMBT2222ALP4 Datasheet HTML 2Page - Diodes Incorporated MMBT2222ALP4 Datasheet HTML 3Page - Diodes Incorporated MMBT2222ALP4 Datasheet HTML 4Page - Diodes Incorporated MMBT2222ALP4 Datasheet HTML 5Page - Diodes Incorporated MMBT2222ALP4 Datasheet HTML 6Page - Diodes Incorporated MMBT2222ALP4 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
MMBT2222ALP4
Document number: DS35506 Rev. 3 - 2
5 of 7
www.diodes.com
August 2012
© Diodes Incorporated
MMBT2222ALP4
1
10
1,000
100
0.1
1
10
1,000
100
I , COLLECTOR CURRENT (mA)
Figure 4 Typical DC Current Gain vs.
Collector Current
C
T = -25°C
A
T = +25°C
A
T = 125°C
A
V
= 1.0V
CE
1
10
100
1,000
I , COLLECTOR CURRENT (mA)
Figure 5 Typical Collector-Emitter Saturation Voltage
vs. Collector Current
C
T = 25°C
A
T = -50°C
A
T = 150°C
A
0
0.1
0.2
0.3
0.4
0.5
I
I
C
B = 10
1
0.1
10
100
I , COLLECTOR CURRENT (mA)
Figure 6 Typical Base-Emitter Turn-On Voltage
vs. Collector Current
C
0.2
0.3
0.4
0.6
0.5
0.8
0.7
1.0
0.9
V
= 5V
CE
T = 25°C
A
T = -50°C
A
T = 150°C
A
V , REVERSE VOLTAGE (V)
Figure 7 Typical
R
Capacitance Characteristics
Cibo
Cobo
f = 1MHz
1
10
100
1,000
110
100
I , COLLECTOR CURRENT (mA)
Figure 8 Typical Gain-Bandwidth Product vs. Collector Current
C
V
= 5V
CE
0.001
0.01
1
10
0.1
100
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
I , BASE CURRENT (mA)
Figure 9 Typical Collector Saturation Region
B
I = 1mA
C
I = 10mA
C
I = 30mA
C
I = 100mA
C
I = 300mA
C



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com