Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBT2222ALP4 Datasheet(PDF) 6 Page - Diodes Incorporated

Part # MMBT2222ALP4
Description  40V NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

MMBT2222ALP4 Datasheet(HTML) 6 Page - Diodes Incorporated

  MMBT2222ALP4 Datasheet HTML 1Page - Diodes Incorporated MMBT2222ALP4 Datasheet HTML 2Page - Diodes Incorporated MMBT2222ALP4 Datasheet HTML 3Page - Diodes Incorporated MMBT2222ALP4 Datasheet HTML 4Page - Diodes Incorporated MMBT2222ALP4 Datasheet HTML 5Page - Diodes Incorporated MMBT2222ALP4 Datasheet HTML 6Page - Diodes Incorporated MMBT2222ALP4 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
MMBT2222ALP4
Document number: DS35506 Rev. 3 - 2
6 of 7
www.diodes.com
August 2012
© Diodes Incorporated
MMBT2222ALP4
Package Outline Dimensions
Suggested Pad Layout
X2-DFN1006-3
Dim
Min
Max
Typ
A
⎯
0.40
⎯
A1
0
0.05
0.03
b1
0.10
0.20
0.15
b2
0.45
0.55
0.50
D
0.95
1.05
1.00
E
0.55
0.65
0.60
e
⎯
⎯
0.35
L1
0.20
0.30
0.25
L2
0.20
0.30
0.25
L3
⎯
⎯
0.40
All Dimensions in mm
Dimensions
Value (in mm)
Z
1.1
G1
0.3
G2
0.2
X
0.7
X1
0.25
Y
0.4
C
0.7
Y
C
G1
G2
X
X
1
Z
L2
A1
E
b2
L1
L3
D
e
b1
A



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com