Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBT3904FZ Datasheet(PDF) 6 Page - Diodes Incorporated

Part # MMBT3904FZ
Description  40V NPN SMALL SIGNAL TRANSISTOR IN DFN0606
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

MMBT3904FZ Datasheet(HTML) 6 Page - Diodes Incorporated

  MMBT3904FZ Datasheet HTML 1Page - Diodes Incorporated MMBT3904FZ Datasheet HTML 2Page - Diodes Incorporated MMBT3904FZ Datasheet HTML 3Page - Diodes Incorporated MMBT3904FZ Datasheet HTML 4Page - Diodes Incorporated MMBT3904FZ Datasheet HTML 5Page - Diodes Incorporated MMBT3904FZ Datasheet HTML 6Page - Diodes Incorporated MMBT3904FZ Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
MMBT3904FZ
Document number: DS37160 Rev. 1 - 2
6 of 7
www.diodes.com
October 2014
© Diodes Incorporated
MMBT3904FZ
Package Outline Dimensions
Please see AP02002 at http://www.diodes.com/datasheets/ap02002.pdf for the latest version.
Suggested Pad Layout
Please see AP02001 at http://www.diodes.com/datasheets/ap02001.pdf for the latest version.
X2-DFN0606-3
Dim
Min
Max
Typ
A
0.36
0.42
0.39
A1
0
0.05
0.02
b
0.10
0.20
0.15
D
0.57
0.67
0.62
D2
0.155 BSC
D3
0.185 BSC
E
0.57
0.67
0.62
E2
0.40
0.60
0.50
e
0.35 BSC
k
0.16 REF
L
0.09
0.21
0.15
L2
0.11
0.31
0.21
All Dimensions in mm
Dimensions
Value (in mm)
C
0.350
X
0.280
X1
0.350
X2
0.760
Y
0.200
Y1
0.600
X
Y
C
Y1
X1
X2
A
A1
Seating Plane
D
E
L(2x)
k
b(2x)
e
E2
L2
e/2
D2
D3



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com