Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBT3904FZ Datasheet(PDF) 1 Page - Diodes Incorporated

Part # MMBT3904FZ
Description  40V NPN SMALL SIGNAL TRANSISTOR IN DFN0606
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

MMBT3904FZ Datasheet(HTML) 1 Page - Diodes Incorporated

  MMBT3904FZ Datasheet HTML 1Page - Diodes Incorporated MMBT3904FZ Datasheet HTML 2Page - Diodes Incorporated MMBT3904FZ Datasheet HTML 3Page - Diodes Incorporated MMBT3904FZ Datasheet HTML 4Page - Diodes Incorporated MMBT3904FZ Datasheet HTML 5Page - Diodes Incorporated MMBT3904FZ Datasheet HTML 6Page - Diodes Incorporated MMBT3904FZ Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
MMBT3904FZ
Document number: DS37160 Rev. 1 - 2
1 of 7
www.diodes.com
October 2014
© Diodes Incorporated
MMBT3904FZ
40V NPN SMALL SIGNAL TRANSISTOR IN DFN0606
Features
BVCEO > 40V
IC = 200mA High Collector Current
PD = 925mW Power Dissipation
0.36mm
2 Package Footprint, 40% Smaller than DFN1006
0.4mm Height Package Minimizing Off-Board Profile
Complementary PNP Type MMBT3906FZ
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Mechanical Data
Case: X2-DFN0606-3
Case Material: Molded Pla
stic, “Green” Molding Compound.
UL Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminals: Finish
 NiPdAu, Solderable per MIL-STD-202,
Method 208
Weight: 0.0008 grams (Approximate)
Ordering Information (Note 4)
Product
Marking
Reel size (inches)
Tape width (mm)
Quantity per reel
MMBT3904FZ-7B
1N
7
8mm
10,000
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html
for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at http://www.diodes.com/products/packages.html.
Marking Information
1N = Product Type Marking Code
Top View
Bar Denotes Base
and Emitter Side
e4
Top View
Device Schematic
Bottom View
X2-DFN0606-3
Device Symbol
C
E
B
Top View


Similar Part No. - MMBT3904FZ

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMBT3904FZ DIODES-MMBT3904FZ_15 Datasheet
504Kb / 7P
40V NPN SMALL SIGNAL TRANSISTOR IN DFN0606
Rev 1
More results

Similar Description - MMBT3904FZ

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BC847BFZ DIODES-BC847BFZ_15 Datasheet
217Kb / 7P
45V NPN SMALL SIGNAL TRANSISTOR IN DFN0606
Rev 2
BC857BFZ DIODES-BC857BFZ_15 Datasheet
480Kb / 7P
45V PNP SMALL SIGNAL TRANSISTOR IN DFN0606
Rev 2
MMBT3904LP DIODES-MMBT3904LP_15 Datasheet
402Kb / 7P
40V NPN SMALL SIGNAL TRANSISTOR IN DFN1006
Rev 5
MMBT3904 DIODES-MMBT3904_15 Datasheet
168Kb / 7P
40V NPN SMALL SIGNAL TRANSISTOR IN SOT23
Rev 22
MMBT3904FA DIODES-MMBT3904FA Datasheet
141Kb / 7P
40V NPN SMALL SIGNAL TRANSISTOR IN DFN0806
Rev 1
MMBT3906FZ DIODES-MMBT3906FZ Datasheet
500Kb / 7P
40V PNP SMALL SIGNAL TRANSISTOR IN DFN0606
Rev 2
MMBT3906FZ DIODES-MMBT3906FZ_15 Datasheet
500Kb / 7P
40V PNP SMALL SIGNAL TRANSISTOR IN DFN0606
Rev 2
MMBT3904FZ DIODES-MMBT3904FZ_15 Datasheet
504Kb / 7P
40V NPN SMALL SIGNAL TRANSISTOR IN DFN0606
Rev 1
BC847BFZ DIODES-BC847BFZ Datasheet
217Kb / 7P
45V NPN SMALL SIGNAL TRANSISTOR IN DFN0606
March 2015
BC857BFZ DIODES-BC857BFZ Datasheet
479Kb / 7P
45V PNP SMALL SIGNAL TRANSISTOR IN DFN0606
May 2015
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com