Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3853 Datasheet(PDF) 10 Page - Linear Technology

Part # LTC3853
Description  Triple Output, Multiphase Synchronous Step-Down Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3853 Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC3853_15 Datasheet HTML 6Page - Linear Technology LTC3853_15 Datasheet HTML 7Page - Linear Technology LTC3853_15 Datasheet HTML 8Page - Linear Technology LTC3853_15 Datasheet HTML 9Page - Linear Technology LTC3853_15 Datasheet HTML 10Page - Linear Technology LTC3853_15 Datasheet HTML 11Page - Linear Technology LTC3853_15 Datasheet HTML 12Page - Linear Technology LTC3853_15 Datasheet HTML 13Page - Linear Technology LTC3853_15 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
LTC3853
10
3853fc
For more information www.linear.com/LTC3853
FUNCTIONAL DIAGRAM
4.7V
+
+
VIN
0.5µA
SLOPE
COMPENSATION
UVLO
SLOPE RECOVERY
ACTIVE CLAMP
OSC
S
RQ
3k
RUN
SWITCH
LOGIC
AND
ANTI-
SHOOT
THROUGH
BG
ON
FCNT
0.8V
OV
1
51k
1.2V
0.64V
ITH RC
INTVCC
INTVCC
ILIM
ITHB
ICMP
CC1
EA
SS
SGND
R1
0.86V
R2
RUN
PGND
PGOOD
INTVCC
EXTVCC
IREV
SW
TG
CB
VIN
CIN
VIN
SLEEP
BOOST
BURSTEN
+
+
UV
OV
CVCC
VOUT
COUT
M2
M1
L1
DB
MODE/PLLIN
SENSE+
SENSE
0.8V
REF
TK/SS
RUN
0.55V
VFB
FREQ/PLLFLTR
PLL-SYNC
MODE/SYNC
DETECT
+
5V
REG
1.3µA
CSS
+
+
+
F
F
0.74V
3853 FD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com