Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3853 Datasheet(PDF) 26 Page - Linear Technology

Part # LTC3853
Description  Triple Output, Multiphase Synchronous Step-Down Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3853 Datasheet(HTML) 26 Page - Linear Technology

Back Button LTC3853_15 Datasheet HTML 22Page - Linear Technology LTC3853_15 Datasheet HTML 23Page - Linear Technology LTC3853_15 Datasheet HTML 24Page - Linear Technology LTC3853_15 Datasheet HTML 25Page - Linear Technology LTC3853_15 Datasheet HTML 26Page - Linear Technology LTC3853_15 Datasheet HTML 27Page - Linear Technology LTC3853_15 Datasheet HTML 28Page - Linear Technology LTC3853_15 Datasheet HTML 29Page - Linear Technology LTC3853_15 Datasheet HTML 30Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 36 page
background image
LTC3853
26
3853fc
For more information www.linear.com/LTC3853
APPLICATIONS INFORMATION
PC Board Layout Checklist
When laying out the printed circuit board, the following
checklist should be used to ensure proper operation of
the IC. Figure 12 illustrates the current waveforms pres-
ent in the various branches of the 3-phase synchronous
regulators operating in the continuous mode. Check the
following in your layout:
1. Are the top N-channel MOSFETs located within 1 cm of
each other with a common drain connection at CIN? Do
not attempt to split the input decoupling for the three
channels as it can cause a large resonant loop.
2. Are the signal and power grounds kept separate? The
combined IC signal ground pin and the ground return
of CINTVCC must return to the combined COUT (–) ter-
minals. The VFB and ITH traces should be as short as
possible. The path formed by the top N-channel MOS-
FET, Schottky diode and the CIN capacitor should have
short leads and PC trace lengths. The output capacitor
(–) terminals should be connected as close as possible
to the (–) terminals of the input capacitor by placing
the capacitors next to each other and away from the
Schottky loop described above.
3. Do the LTC3853 VFB pins’ resistive dividers connect to
the (+) terminals of COUT? The resistive divider must be
connected between the (+) terminal of COUT and signal
ground. The feedback resistor connections should not
be along the high current input feeds from the input
capacitor(s).
4. Are the SENSE+ and SENSEleads routed together
with minimum PC trace spacing? The filter capacitor
between SENSE+ and SENSEshould be as close as
possible to the IC. Ensure accurate current sensing with
Kelvin connections at the sense resistor or inductor,
whichever is used for current sensing.
5. Is the INTVCC decoupling capacitor connected close
to the IC, between the INTVCC and the power ground
pins?ThiscapacitorcarriestheMOSFETdriverscurrent
peaks. An additional 1µF ceramic capacitor placed im-
mediately next to the INTVCC and PGND pins can help
improve noise performance substantially.
6. Keep the switching nodes (SW), top gate nodes (TG),
and boost nodes (BOOST) away from sensitive small-
signal nodes, especially from another channel’s voltage
and current sensing feedback pins. All of these nodes
have very large and fast moving signals and therefore
should be kept on the “output side” of the LTC3853
and occupy minimum PC trace area. If DCR sensing
is used, place the top resistor (Figure 2b, R1) close to
the switching node.
7. Use a modified “star ground” technique: a low imped-
ance, large copper area central grounding point on
the same side of the PC board as the input and output
capacitors with tie-ins for the bottom of the INTVCC
decouplingcapacitor,thebottomofthevoltagefeedback
resistive divider and the SGND pin of the IC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com