Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UVLED370-10E Datasheet(PDF) 6 Page - Roithner LaserTechnik GmbH

Part # UVLED370-10E
Description  UV LED 5 mm
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

UVLED370-10E Datasheet(HTML) 6 Page - Roithner LaserTechnik GmbH

  UVLED370-10E Datasheet HTML 1Page - Roithner LaserTechnik GmbH UVLED370-10E Datasheet HTML 2Page - Roithner LaserTechnik GmbH UVLED370-10E Datasheet HTML 3Page - Roithner LaserTechnik GmbH UVLED370-10E Datasheet HTML 4Page - Roithner LaserTechnik GmbH UVLED370-10E Datasheet HTML 5Page - Roithner LaserTechnik GmbH UVLED370-10E Datasheet HTML 6Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
17.08.2010
uvled370_10e.doc
6 of 6
4. Static Electricity
• The LEDs are very sensitive to Static Electricity and surge voltage. So it is recommended
that a wrist band or an anti-electrostatic glove be used when handling the LEDs.
• All devices, equipment and machinery must be grounded properly. It is recommended that
precautions should be taken against surge voltage to the equipment that mounts the LEDs.
5. Heat Generation
• Thermal design of the end product is of paramount importance. Please consider the heat
generation of the LED when making the system design. The coefficient of temperature
increase per input electric power is affected by the thermal resistance of the circuit board
and density of LED placement on the board, as well as other components. It is necessary to
avoid intense heat generation and operate within the maximum ratings given in the
specification.
• The operating current should be desided after sonsidering the ambient maximum
temperature of LEDs.
6. Storage
• The LEDs should be stored at 30°C or less and 70%RH or less after being shippedand the
sorage life limits are 3 months. If the LEDs are stored for 3 months or more, they can be
stored for a year in a sealed container with nitrogen atmosphere and moisture absorbent
material.
• LED leads are gold okated Iron alloy. The gold surface may be affected by environments
which contain corrosive substances. Please avoid conditions which may cause the LED to
corrode, tarnish or discolor. This corrosion or discoloration may cause difficulty during
soldering operations. It is recommended that the LEDs be used as soon as possible.
• Please avoid rapid transistions in ambient temperature, especially in high humidity
environments where condensation can occur.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com