Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UVLED370-10E Datasheet(PDF) 1 Page - Roithner LaserTechnik GmbH

Part # UVLED370-10E
Description  UV LED 5 mm
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

UVLED370-10E Datasheet(HTML) 1 Page - Roithner LaserTechnik GmbH

  UVLED370-10E Datasheet HTML 1Page - Roithner LaserTechnik GmbH UVLED370-10E Datasheet HTML 2Page - Roithner LaserTechnik GmbH UVLED370-10E Datasheet HTML 3Page - Roithner LaserTechnik GmbH UVLED370-10E Datasheet HTML 4Page - Roithner LaserTechnik GmbH UVLED370-10E Datasheet HTML 5Page - Roithner LaserTechnik GmbH UVLED370-10E Datasheet HTML 6Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
17.08.2010
uvled370_10e.doc
1 of 6
UVLED370-10E
TECHNICAL DATA
UV LED 5 mm
Outline Dimension
Device Materials
Item
Material
Glass
Hard Glass
Cap
Ni Plating
Iron Alloy
Lead
Au Plating
Iron Alloy
Absolute Maximum Ratings (Ta=25°C)
Item
Symbol
Value
Unit
DC Forward Current
IF
25
mA
Peak Pulse Forward Current *
1
IFP
80
mA
Allowable Reverse Current
IR
85
mA
Power Dissipation
PD
100
mW
Operating Temperature
TOP
-30 … +85
°C
Storage Temperature
TSTG
-40 … +100
°C
Soldering Temperature *
2
TSOL
265
°C
*
1 pulse width ≤ 10 msec. and duty ratio ≤ 1/10
*
2 for 10 sec.
Specifications (25°C)
Item
Symbol
Min.
Typ.
Max.
Unit
Electrical Specification
Forward Current
IF
-
20
-
mA
Forward Voltage *
1
VF
-
3.6
4.0
V
Optical Specification
PO
2.36
-
3.33
mW
PO
3.33
-
4.72
mW
Rank 4
CW Output Power *
2
Rank 5
Rank 6
PO
4.72
-
6.66
mW
Peak Wavelength *
3
λP
370
375
380
nm
Spectrum Half Width
λ
15
nm
Viewing Angle
φ
10
deg.
* Note:
1. measurement tolerance is ± 0.2 V
2. measurement tolerance is ± 10%
3. measurement tolerance is ± 3 nm


Similar Part No. - UVLED370-10E

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
UVLED370-110E ROITHNER-UVLED370-110E Datasheet
278Kb / 6P
UV LED 5 mm
More results

Similar Description - UVLED370-10E

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
RLT370-10E ROITHNER-RLT370-10E Datasheet
329Kb / 7P
UV LED 5 mm
UVLED365-110E ROITHNER-UVLED365-110E Datasheet
354Kb / 6P
UV LED 5 mm
XRL-400-5E ROITHNER-XRL-400-5E Datasheet
270Kb / 5P
UV LED 5 mm
XRL-400-5O ROITHNER-XRL-400-5O Datasheet
252Kb / 5P
UV LED 5 mm
XSL-355-5E ROITHNER-XSL-355-5E Datasheet
472Kb / 5P
UV LED 5 mm
XSL-365-5E ROITHNER-XSL-365-5E Datasheet
463Kb / 5P
UV LED 5 mm
XSL-370-5E ROITHNER-XSL-370-5E Datasheet
461Kb / 5P
UV LED 5 mm
XSL-375-5E ROITHNER-XSL-375-5E Datasheet
463Kb / 5P
UV LED 5 mm
XSL-375-5E-R4 ROITHNER-XSL-375-5E-R4 Datasheet
463Kb / 5P
UV LED 5 mm
XSL-355-5E-R6 ROITHNER-XSL-355-5E-R6 Datasheet
518Kb / 5P
UV LED 5 mm
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com