Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STB458D Datasheet(PDF) 1 Page - SamHop Microelectronics Corp.

Part # STB458D
Description  Dual Enhancement Mode Field Effect Transistor (N and P Channel)
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STB458D Datasheet(HTML) 1 Page - SamHop Microelectronics Corp.

  STB458D Datasheet HTML 1Page - SamHop Microelectronics Corp. STB458D Datasheet HTML 2Page - SamHop Microelectronics Corp. STB458D Datasheet HTML 3Page - SamHop Microelectronics Corp. STB458D Datasheet HTML 4Page - SamHop Microelectronics Corp. STB458D Datasheet HTML 5Page - SamHop Microelectronics Corp. STB458D Datasheet HTML 6Page - SamHop Microelectronics Corp. STB458D Datasheet HTML 7Page - SamHop Microelectronics Corp. STB458D Datasheet HTML 8Page - SamHop Microelectronics Corp. STB458D Datasheet HTML 9Page - SamHop Microelectronics Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
S mHop Microelectronics C orp.
a
8
80
°C/W
THERMAL CHARACTERISTICS
°C/W
ABSOLUTE MAXIMUM RATINGS (TC=25°C unless otherwise noted)
Thermal Resistance, Junction-to-Case
Thermal Resistance, Junction-to-Ambient
R JC
R JA
Ver 1.0
www.samhop.com.tw
Apr,23,2010
1
STB458D
Green
Product
D1/D2
S1
G1
S2
G2
D1/D2
Dual Enhancement Mode Field Effect Transistor (N and P Channel)
N-ch
P -ch
G 1
D1
S 1
G 2
D2
S 2
PRODUCT SUMMARY (N-Channel)
VDSS
ID
RDS(ON) (m
Ω) Max
40V
30A
14
@
VGS=4.5V
10.5 @ VGS=10V
PRODUCT SUMMARY (P-Channel)
VDSS
ID
RDS(ON) (m
Ω) Max
-40V
-24A
24 @ VGS=-4.5V
17 @ VGS=-10V
Symbol
VDS
VGS
IDM
EAS
W
A
PD
°C
15.6
-55 to 150
ID
Units
Parameter
40
30
68
V
V
±20
TC=25°C
Gate-Source Voltage
Drain-Source Voltage
mJ
N-Channel
Drain Current-Continuous
a
-Pulsed
b
A
Sigle Pulse Avalanche Energy
d
Maximum Power Dissipation
a
Operating Junction and Storage
Temperature Range
TJ, TSTG
TC=25°C
-40
-24
-60
±20
P-Channel
TC=70°C
A
23.7
-19
10
W
TC=70°C
210
170
STB SERIES
TO-263 5L


Similar Part No. - STB458D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB45N10L STMICROELECTRONICS-STB45N10L Datasheet
87Kb / 6P
N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR
Mar-1996
logo
Inchange Semiconductor ...
STB45N30M5 ISC-STB45N30M5 Datasheet
349Kb / 2P
isc N-Channel MOSFET Transistor
logo
STMicroelectronics
STB45N40DM2AG STMICROELECTRONICS-STB45N40DM2AG Datasheet
914Kb / 15P
Extremely low gate charge and input capacitance
27-Aug-2015
STB45N50DM2AG STMICROELECTRONICS-STB45N50DM2AG Datasheet
900Kb / 15P
Automotive-grade N-channel 500 V, 0.07 Ω typ., 35 A MDmesh™ DM2 Power MOSFET in a D²PAK package
October 2015 Rev 1
STB45N60DM2AG STMICROELECTRONICS-STB45N60DM2AG Datasheet
546Kb / 15P
Fast-recovery body diode
02-Jul-2015
More results

Similar Description - STB458D

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SI4532DY FAIRCHILD-SI4532DY Datasheet
327Kb / 4P
Dual N- and P-Channel Enhancement Mode Field Effect Transistor
logo
Chino-Excel Technology
CEM2030A CET-CEM2030A Datasheet
847Kb / 9P
Dual Enhancement Mode Field Effect Transistor(N and P Channel)
CEM11C2 CET-CEM11C2 Datasheet
59Kb / 9P
Dual Enhancement Mode Field Effect Transistor (N and P Channel)
CEM9952A CET-CEM9952A Datasheet
1Mb / 10P
Dual Enhancement Mode Field Effect Transistor(N and P Channel)
logo
SamHop Microelectronics...
STA6611 SAMHOP-STA6611 Datasheet
180Kb / 10P
Dual Enhancement Mode Field Effect Transistor ( N and P Channel)
STU313D SAMHOP-STU313D Datasheet
247Kb / 11P
Dual Enhancement Mode Field Effect Transistor (N and P Channel)
logo
Chino-Excel Technology
CEM7350 CET-CEM7350_08 Datasheet
547Kb / 7P
Dual Enhancement Mode Field Effect Transistor (N and P Channel)
CEU4269 CET-CEU4269_10 Datasheet
590Kb / 7P
Dual Enhancement Mode Field Effect Transistor (N and P Channel)
logo
CET-MOS Technology Corp...
CEM23189 CET-MOS-CEM23189 Datasheet
866Kb / 7P
Dual Enhancement Mode Field Effect Transistor (N and P Channel)
Rev 2. 2014.July
CEM6589 CET-MOS-CEM6589 Datasheet
894Kb / 7P
Dual Enhancement Mode Field Effect Transistor (N and P Channel)
Rev 2. 2017.July
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com