Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD78P324 Datasheet(PDF) 7 Page - NEC

Part # UPD78P324
Description  16-/8-Bit Single-Chip Microcomputers
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD78P324 Datasheet(HTML) 7 Page - NEC

Back Button UPD78P324 Datasheet HTML 3Page - NEC UPD78P324 Datasheet HTML 4Page - NEC UPD78P324 Datasheet HTML 5Page - NEC UPD78P324 Datasheet HTML 6Page - NEC UPD78P324 Datasheet HTML 7Page - NEC UPD78P324 Datasheet HTML 8Page - NEC UPD78P324 Datasheet HTML 9Page - NEC UPD78P324 Datasheet HTML 10Page - NEC UPD78P324 Datasheet HTML 11Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 80 page
background image
µPD78P324, 78P324(A)
7
(2) PROM programming mode (RESET = H, AVDD = L)
(a) 74-pin plastic QFP (20 x 20 mm); 74-pin ceramic WQFN
Cautions
1. Codes marked by brackets refer to processing by pins unused in PROM programming mode.
L
: Connect to VSS individually via a resistor.
G
: Connect to VSS.
Open
: Do not connect anything.
2. As a measure against noise, please connect the NC pin to VSS. (It is also possible to leave this pin
unconnected.)
74 73 72 71 70 69 68 67 66 65 64 63 62 61 60 59 58 57
A0
(Open)
VSS
NC
(G)
(Open)
RESET
A14
A13
A12
A11
A10
A8
NC
A16
A15
PGM
CE
OE
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
41
40
39
38
19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
D3
D4
D5
D6
D7
NC
VDD
(G)
(L)
(L)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com