Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD78P324 Datasheet(PDF) 8 Page - NEC

Part # UPD78P324
Description  16-/8-Bit Single-Chip Microcomputers
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD78P324 Datasheet(HTML) 8 Page - NEC

Back Button UPD78P324 Datasheet HTML 4Page - NEC UPD78P324 Datasheet HTML 5Page - NEC UPD78P324 Datasheet HTML 6Page - NEC UPD78P324 Datasheet HTML 7Page - NEC UPD78P324 Datasheet HTML 8Page - NEC UPD78P324 Datasheet HTML 9Page - NEC UPD78P324 Datasheet HTML 10Page - NEC UPD78P324 Datasheet HTML 11Page - NEC UPD78P324 Datasheet HTML 12Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 80 page
background image
µPD78P324, 78P324(A)
8
(b) 68-pin plastic QFJ(s
s 950 mil); 68-pin ceramic WQFN
Caution
Codes marked by brackets refer to processing by pins unused in PROM programming mode.
L
: Connect to VSS individually via a resistor.
G
: Connect to VSS.
Open
: Do not connect anything.
A0-A16
: Address Bus
D0-D7
: Data Bus
CE
: Chip Enable
OE
: Output Enable
PGM
: Programming Mode
RESET
:
AVDD
:
VPP
: Programming Power Supply
NC
: Non-connection
Programming Mode Set
987654321 68 67 66 65 64 63 62 61
PD78P324LP
PD78P324KC
PD78P324LP(A)
PD78P324LP(A1)
PD78P324LP(A2)
27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43
60
59
58
57
56
55
54
53
52
51
50
49
48
47
46
45
44
VDD
D7
D6
D5
D4
D3
(G)
(L)
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
OE
CE
PGM
A15
A16
A8
A10
A11
A12
A13
A14
RESET
(Open)
(G)
VSS
(Open)
A0
µ
µ
µ
µ
µ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com