Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBZ5259BLT1 Datasheet(PDF) 3 Page - Leshan Radio Company

Part # MMBZ5259BLT1
Description  SEMICONDUCTOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

MMBZ5259BLT1 Datasheet(HTML) 3 Page - Leshan Radio Company

  MMBZ5259BLT1 Datasheet HTML 1Page - Leshan Radio Company MMBZ5259BLT1 Datasheet HTML 2Page - Leshan Radio Company MMBZ5259BLT1 Datasheet HTML 3Page - Leshan Radio Company MMBZ5259BLT1 Datasheet HTML 4Page - Leshan Radio Company MMBZ5259BLT1 Datasheet HTML 5Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
LESHAN RADIO COMPANY, LTD.
J1–3/5
TYPICAL CHARACTERISICS
GENERAL DATA — 225mW SOT–23
8
7
6
5
4
3
2
1
0
-1
-2
-3
2
3
4
5
6
7
8
9
10
11
12
100
10
1
10
100
1K
100
10
1
1
10
100
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
V Z , NOMINAL ZENER VOLTAGE (V)
Figure 1. Temperature Coefficients
(Temperature Range –55°C to +150°C)
V Z , NOMINAL ZENER VOLTAGE (V)
Figure 2. Temperature Coefficients
(Temperature Range –55°C to +150°C)
V Z , NOMINAL ZENER VOLTAGE
Figure 3. Effect of Zener Voltage on
Zener Impedance
V F , FORWARD VOLTAGE (V)
Figure 4. Typical Forward Voltage
V Z @ I ZT
TYPICAL T C VALUES
FOR MMBZ5221BLT1
SERIES
TYPICAL T C VALUES
FOR MMBZ5221BLT1
SERIES
T J = 25°C
I Z(AC) = 0.1 I Z(DC)
f = 1 kHz
V Z @ I ZT
I Z = 1 mA
5 mA
20 mA
1000
100
10
1
150°C
75 V (MMBZ5267BLT1)
91 V (MMBZ5270BLT1)
75°C 25°C
0°C



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com