Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBZ5259BLT1 Datasheet(PDF) 4 Page - Leshan Radio Company

Part # MMBZ5259BLT1
Description  SEMICONDUCTOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

MMBZ5259BLT1 Datasheet(HTML) 4 Page - Leshan Radio Company

  MMBZ5259BLT1 Datasheet HTML 1Page - Leshan Radio Company MMBZ5259BLT1 Datasheet HTML 2Page - Leshan Radio Company MMBZ5259BLT1 Datasheet HTML 3Page - Leshan Radio Company MMBZ5259BLT1 Datasheet HTML 4Page - Leshan Radio Company MMBZ5259BLT1 Datasheet HTML 5Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
LESHAN RADIO COMPANY, LTD.
J1–4/5
TYPICAL CHARACTERISICS
GENERAL DATA — 225mW SOT–23
1000
100
10
1
1
10
100
1000
100
10
1
0.1
0.01
0.001
0.0001
0.00001
0
102030
40
5060
70
80
90
100
10
1
0.1
0
02
4
6
8
10
12
10
30
50
70
90
100
10
1
0.1
0.01
BIAS AT
50% OF VZ NOM
V Z , NOMINAL ZENER VOLTAGE (V)
Figure 5. Typical Capacitance
V Z , NOMINAL ZENER VOLTAGE (V)
Figure 6. Typical Leakage Current
V Z , ZENER VOLTAGE (V)
Figure 7. Zener Voltage versus Zener Current
(V Z Up to 12 V)
V Z , ZENER VOLTAGE (V)
Figure 8. Zener Voltage versus Zener Current
(12 V to 91 V)
T A = 25°C
0 V BIAS
1 V BIAS
T A = 25°C
T A = 25°C
+150°C
+25°C
–55°C



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com