Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD98409 Datasheet(PDF) 13 Page - NEC

Part # UPD98409
Description  ATM LIGHT SAR CONTROLLER
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD98409 Datasheet(HTML) 13 Page - NEC

Back Button UPD98409 Datasheet HTML 9Page - NEC UPD98409 Datasheet HTML 10Page - NEC UPD98409 Datasheet HTML 11Page - NEC UPD98409 Datasheet HTML 12Page - NEC UPD98409 Datasheet HTML 13Page - NEC UPD98409 Datasheet HTML 14Page - NEC UPD98409 Datasheet HTML 15Page - NEC UPD98409 Datasheet HTML 16Page - NEC UPD98409 Datasheet HTML 17Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
13
µµµµPD98409
DC Charateristics (TA = 0 to +70
°°°°C, VDD3 = +3.3 V ±±±±0.3 V)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
High-level output voltage
VOH1
IOH =
−2.0 mANote 1
2.4
V
VOH2
IOH =
−12.0 mANote 2
2.4
V
Low-level output voltage
VOL1
IOL = 3.0 mA
Note 3
0.55
V
VOL2
IOL = 6.0 mA
Note 4
0.55
V
VOL3
IOL = 6.0 mA
Note 5
0.40
V
VOL4
IOL = 12.0 mA
Note 6
0.40
V
Supply current
IDD
fCLK = 33 MHz, normal transmission/
reception
250
400
mA
Input leakage current (normal input)
II1
VI = VDD3
±10−4
±10
µA
Input leakage current (E2PDI pin
with pull-up resistor)
II2
VI = GND
10
80
200
µA
Notes 1.
VOH1 applies to all output pins except pins PO3-PO0.
2.
VOH2 applies to pins PO3-PO0.
3.
VOL1 applies to PCI output pins AD31-AD0, PCBE3_B-PCBE0_B, PAR, REQ_B and INTR_B.
4.
VOL2 applies to PCI output pins FRAME_B, TRDY_B, IRDY_B, DEVSEL_B, STOP_B, SERR_B, and
PERR_B.
5.
VOL3 applies to pins other than PCI output pins and pins other than pins PO3-PO0.
6.
VOL4 applies to pins PO3-PO0.
Capacitance (TA = +25
°°°°C, VDD3 = 0 V)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Input capacitance
CIN
f = 1 MHz
10
20
pF
Output capacitance
COUT
f = 1 MHz
10
20
pF
I/O capacitance
CI/O
f = 1 MHz
10
20
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com