Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N3724 Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # 2N3724
Description  NPN SILICON TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

2N3724 Datasheet(HTML) 1 Page - Central Semiconductor Corp

  2N3724 Datasheet HTML 1Page - Central Semiconductor Corp 2N3724 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MAXIMUM RATINGS: (TA=25°C)
SYMBOL
2N3724
2N3725
2N3725A
UNITS
Collector-Base Voltage
VCBO
50
80
80
V
Collector-Emitter Voltage
VCEO
30
50
50
V
Emitter-Base Voltage
VEBO
6.0
V
Continuous Collector Current
IC
1.2
A
Peak Collector Current
ICM
1.75
A
Power Dissipation
PD
0.8
0.8
1.0
W
Power Dissipation (TC=25°C)
PD
3.5
3.5
5.0
W
Operating and Storage Junction Temperature
TJ, Tstg
-65 to +200
°C
ELECTRICAL CHARACTERISTICS: (TA=25°C unless otherwise noted)
2N3724
2N3725
2N3725A
SYMBOL
TEST CONDITIONS
MIN
MAX
MIN
MAX
MIN
MAX
UNITS
IB
VCE=50V
-
10
-
-
-
-
µA
IB
VCE=80V
-
-
-
10
-
10
µA
ICBO
VCB=40V
-
1.7
-
-
-
-
µA
ICBO
VCB=40V, TA=100°C
-
120
-
-
-
-
µA
ICBO
VCB=60V
-
-
-
1.7
-
0.5
µA
ICBO
VCB=60V, TA=100°C
-
-
-
120
-
50
µA
ICES
VCE=50V
-
10
-
-
-
-
µA
ICES
VCE=80V
-
-
-
10
-
10
µA
BVCBO
IC=10µA
50
-
80
-
80
-
V
BVCES
IC=10µA
50
-
80
-
80
-
V
BVCEO
IC=10mA
30
-
50
-
50
-
V
BVEBO
IE=10µA
6.0
-
6.0
-
6.0
-
V
VCE(SAT)
IC=10mA, IB=1.0mA
-
0.25
-
0.25
-
0.25
V
VCE(SAT)
IC=100mA, IB=10mA
-
0.20
-
0.26
-
0.26
V
VCE(SAT)
IC=300mA, IB=30mA
-
0.32
-
0.40
-
0.40
V
VCE(SAT)
IC=500mA, IB=50mA
-
0.42
-
0.52
-
0.52
V
VCE(SAT)
IC=800mA, IB=80mA
-
0.65
-
0.80
-
0.80
V
VCE(SAT)
IC=1.0A, IB=100mA
-
0.75
-
0.95
-
0.90
V
VBE(SAT)
IC=10mA, IB=1.0mA
-
0.76
-
0.76
-
0.76
V
VBE(SAT)
IC=100mA, IB=10mA
-
0.86
-
0.86
-
0.86
V
VBE(SAT)
IC=300mA, IB=30mA
-
1.1
-
1.1
-
1.0
V
VBE(SAT)
IC=500mA, IB=50mA
0.80
1.1
0.80
1.1
0.80
1.1
V
VBE(SAT)
IC=800mA, IB=80mA
-
1.5
-
1.5
-
1.3
V
VBE(SAT)
IC=1.0A, IB=100mA
-
1.7
-
1.7
0.90
1.4
V
2N3724
2N3725
2N3725A
NPN SILICON TRANSISTOR
DESCRIPTION:
The CENTRAL SEMICONDUCTOR 2N3724, 2N3725,
2N3725A types are Silicon NPN Planar Epitaxial
Transistors designed for high voltage, high current,
high speed switching applications.
MARKING: FULL PART NUMBER
TO-39 CASE
R1 (5-December 2010)
www.centr a lsemi.com


Similar Part No. - 2N3724

ManufacturerPart #DatasheetDescription
logo
Seme LAB
2N3724 SEME-LAB-2N3724 Datasheet
15Kb / 1P
Bipolar NPN Device in a Hermetically sealed TO39 Metal Package
logo
Central Semiconductor C...
2N3724 CENTRAL-2N3724 Datasheet
497Kb / 2P
NPN SILICON TRANSISTOR
logo
New Jersey Semi-Conduct...
2N3724 NJSEMI-2N3724 Datasheet
1Mb / 2P
HIGH SPEED NPN SILICON PLANAR EPITAXIAL
logo
List of Unclassifed Man...
2N3724 ETC1-2N3724 Datasheet
121Kb / 1P
General Purpose Transistors
logo
Central Semiconductor C...
2N3724A CENTRAL-2N3724A Datasheet
22Kb / 1P
Small Signal Transistors
More results

Similar Description - 2N3724

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
2N3414 MICRO-ELECTRONICS-2N3414 Datasheet
48Kb / 1P
NPN SILICON TRANSISTOR
logo
NEC
2SC3731 NEC-2SC3731 Datasheet
193Kb / 3P
NPN SILICON TRANSISTOR
BA1A4M NEC-BA1A4M Datasheet
133Kb / 2P
NPN SILICON TRANSISTOR
AA1L3Z NEC-AA1L3Z Datasheet
119Kb / 2P
NPN SILICON TRANSISTOR
2SD1698 NEC-2SD1698 Datasheet
116Kb / 2P
NPN SILICON TRANSISTOR
2SD1701 NEC-2SD1701 Datasheet
117Kb / 2P
NPN SILICON TRANSISTOR
logo
Seme LAB
2N1616 SEME-LAB-2N1616 Datasheet
22Kb / 2P
NPN SILICON TRANSISTOR
logo
Central Semiconductor C...
MPS3417 CENTRAL-MPS3417 Datasheet
58Kb / 1P
NPN SILICON TRANSISTOR
logo
NEC
NE688M23 NEC-NE688M23 Datasheet
19Kb / 2P
NPN SILICON TRANSISTOR
logo
Fairchild Semiconductor
KSC5603D FAIRCHILD-KSC5603D_10 Datasheet
115Kb / 5P
NPN Silicon Transistor, Planar Silicon Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com