Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N3724 Datasheet(PDF) 2 Page - Central Semiconductor Corp

Part # 2N3724
Description  NPN SILICON TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

2N3724 Datasheet(HTML) 2 Page - Central Semiconductor Corp

  2N3724 Datasheet HTML 1Page - Central Semiconductor Corp 2N3724 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2N3724
2N3725
2N3725A
NPN SILICON TRANSISTOR
TO-39 CASE - MECHANICAL OUTLINE
LEAD CODE:
1) Emitter
2) Base
3) Collector
ELECTRICAL CHARACTERISTICS - Continued: (TA=25°C unless otherwise noted)
2N3724
2N3725
2N3725A
SYMBOL
TEST CONDITIONS
MIN MAX
MIN MAX
MIN MAX
UNITS
hFE
VCE=1.0V, IC=10mA
30
-
30
-
30
-
hFE
VCE=1.0V, IC=100mA
60
150
60
150
60
150
hFE
VCE=1.0V, IC=300mA
40
-
40
-
40
-
hFE
VCE=1.0V, IC=500mA
35
-
35
-
35
-
hFE
VCE=2.0V, IC=800mA
25
-
20
-
25
-
hFE
VCE=5.0V, IC=1.0A
30
-
25
-
25
-
hFE
VCE=5.0V, IC=1.5A
-
-
-
-
20
-
fT
VCE=10V, IC=50mA, f=100MHz
300
-
300
-
300
-
MHz
Cob
VCB=10V, IE=0, f=1.0MHz
-
12
-
10
-
10
pF
Cib
VEB=0.5V, IC=0, f=1.0MHz
-
55
-
55
-
55
pF
td
VCC=30V, IC=500mA, IB1=50mA
-
10
-
10
-
10
ns
tr
VCC=30V, IC=500mA, IB1=50mA
-
30
-
30
-
30
ns
ton
VCC=30V, IC=500mA, IB1=50mA
-
35
-
35
-
35
ns
ts
VCC=30V, IC=500mA, IB1=IB2=50mA
-
50
-
50
-
50
ns
tf
VCC=30V, IC=500mA, IB1=IB2=50mA
-
25
-
25
-
25
ns
toff
VCC=30V, IC=500mA, IB1=IB2=50mA
-
60
-
60
-
60
ns
ton
VCC=30V, IC=1.0A, IB1=IB2=100mA
-
-
-
-
-
50
ns
toff
VCC=30V, IC=1.0A, IB1=IB2=100mA
-
-
-
-
-
50
ns
MARKING:
FULL PART NUMBER
www.centr a lsemi.com
R1 (5-December 2010)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com